Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCALPP0307R10K Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TCALPP0307R10K
Description  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALPP0307R10K Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TCALPP0307R10K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCALPP0307R10K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCALPP0307R10K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALPP0307R10K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALPP0307R10K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALPP0307R10K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALPP0307R10K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALPP0307R10K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALPP0307R10K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
05 of 11
(Axial Lead Type) Dimensions of Ammo Box
B
A
C
C’
A’
B’
Sym.
Dimensions
Sym.
Dimensions
Sym.
Dimensions
A
74.00 ± 0.30
B
108.00 ± 0.30
C
260.00 ± 0.30
A’
48.00 ± 0.30
B’
105.00 ± 0.30
C’
255.00 ± 0.30
(Axial Lead Type) Packing Unit for Box
Item
TCAL0204
TCAL0307
TCAL0410
TCAL0510
Q’ TY / Ammo Box
3,000 PCS
3,000 PCS
2,000 PCS
1,500 PCS
GW / Box(Approx.)
0.8 KGM
0.9 KGM
1.0 KGM
0.7 KGM
Q’ TY / CTN.
30,000 PCS
30,000 PCS
20,000 PCS
10,000 PCS
NW / CTN. (Approx.)
6.0 Kgm
7.0 Kgm
8.0 Kgm
5.0 Kgm
GW / CTN.(Approx.)
8.0 Kgm
9.0 Kgm
10.0 Kgm
7.0 Kgm
Carton Size (mm)
438 × 295 × 270
438 × 295 × 270
438 × 295 × 270s
438 × 295 × 270
(Axial Lead Type) Packing Unit for Bulk
Item
TCAL0204
TCAL0307
TCAL0410
TCAL0510
Q’ TY / Bag
1,000 PCS
1,000 PCS
1,000 PCS
500 PCS
GW / Bag (Approx.)
0.1 Kgm
0.15 Kgm
0.3 Kgm
0.3 Kgm
Version 2010
TCAL Through Hole Fixed Inductors
TOKEN


Similar Part No. - TCALPP0307R10K

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Similar Description - TCALPP0307R10K

ManufacturerPart #DatasheetDescription
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com