Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSR300D00B-S4 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TSR300D00B-S4
Description  One Port Resonators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSR300D00B-S4 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TSR300D00B-S4 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TSR300D00B-S4 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TSR300D00B-S4 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TSR300D00B-S4 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TSR300D00B-S4 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TSR300D00B-S4 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSR300D00B-S4 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSR300D00B-S4 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSR300D00B-S4 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
01 of 09
Version 2010
Saw Resonators (TSR)
SAW Resonators
Surface
Acoustic Wave
SAW Resonators (TSR) Can
Replace LC Elements and Quartz Crystals
Preview
Token SAW Resonator employs surface acoustic wave, and is able to be applied to high frequency circuit
where conventional crystal, ceramic resonators are not available, as SAW Resonator oscillates stably with its
fundamental mode over frequency range from 200 MHz to around 1 GHz.
The SAW resonator uses arrays of metal strips, with pitch λ/2, as reflectors of the waves. These arrays can give
strong SAW reflections, and two arrays can be used to form a SAW cavity with high Q. Such resonators are often
used for high-stability oscillators.
TSR can be applied to many types of high frequency devices
including RF remote controls, CATV FSK demodulators and
CATV 2nd local oscillators. TSR resonator is ideal for applications
such as automotive keyless entry, tire pressure monitoring, gate
and door openers, personal and home security, automated meter
readers, wireless point of sale terminals, identification tags, bar
code readers, and computer peripherals.
Token offers 2 types SAW Resonator in terms of 1-port type and 2-port type.
1-Port Type:
- One-port, typically one-pole, SAW Resonators are used in oscillator applications.
- Most of the application circuit is Colpitts or similar type that can be made with low cost.
- 1-port resonator is basically a 2 terminal device and its application is similar to that of quartz
bulk wave resonator or ceramic resonator.
- Also, it is also applicable to VCO (Voltage Controlled Oscillator) application.
2-Port Type:
- 2-port SAW Resonator is a kind of very narrow, low loss band-pass filter.
- Oscillation circuit is mostly like a RF amplifier with feedback loop.
- There are many varieties of two-port (multi-pole) resonator structures in production.
The TSR Resonator series has high stability, good temperature characteristics provided by quartz crystal substrate
and is developed with SAW technology accumulated for SAW filters through Token’s experience. In addition,
TSR Resonator can be customed designs and other frequency requirements available on request.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TSR300D00B-S4

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
TSR30A150CT YFWDIODE-TSR30A150CT Datasheet
767Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSR30A150CTF YFWDIODE-TSR30A150CTF Datasheet
767Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSR30L100CT YFWDIODE-TSR30L100CT Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
TSR30L100CT YFWDIODE-TSR30L100CT Datasheet
766Kb / 3P
   Trench MOS Barrier Schottky Rectifier
TSR30L100CTF YFWDIODE-TSR30L100CTF Datasheet
766Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results

Similar Description - TSR300D00B-S4

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
642 OSCILENT-642 Datasheet
125Kb / 2P
   One-Port SAW
642-314.5M OSCILENT-642-314.5M Datasheet
125Kb / 2P
   One-Port SAW
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
   One Port Saw Resonator
2-6-2011
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
   ONE-PORT SAW RESONATOR
logo
Oscilent Corporation
640-260.0M OSCILENT-640-260.0M Datasheet
141Kb / 3P
   One-Port 180째 SAW
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
   One-port SAW Resonator
logo
AAEON Technology
PER-C11L AAEON-PER-C11L Datasheet
137Kb / 1P
   Mini PCIe Module With One Ethernet Port and One USB Port
logo
Murata Manufacturing Co...
CSTCR4M16G55001-R0 MURATA1-CSTCR4M16G55001-R0_V01 Datasheet
266Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTLS16M0X53Z-B0 MURATA1-CSTLS16M0X53Z-B0_V01 Datasheet
230Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTCR7M37G55B02-R0 MURATA1-CSTCR7M37G55B02-R0_V01 Datasheet
266Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com