Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRBN600W10RKN Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # DRBN600W10RKN
Description  DR Round-Wirewound Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRBN600W10RKN Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  DRBN600W10RKN Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRBN600W10RKN Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRBN600W10RKN Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRBN600W10RKN Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRBN600W10RKN Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DRBN600W10RKN Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DRBN600W10RKN Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DRBN600W10RKN Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DRBN600W10RKN Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
02 of 09
(DR-A) 10W ~ 1300W Dimensions
N
K
I
O
M
J
F
L
D
C
B
H
A
G
E
Round-Wirewound Power Resistor
(DR-A) N - No mount Dimensions
Round-Wirewound Power Resistor
(DR-A) Z - Vertical mount Dimensions
Round-Wirewound Power Resistor
(DR-A) G - Horizontal mount Dimensions
Wattage
Rating
Dimensions (mm)
Resistance
Range
A
B
C
D
E
F
G
H
I
J
K
L
M N O
10W
45
12 6 15
4
54
2
9
3
62
28
1.0
-
6 10
1~3KΩ
20W
60
17 8 22
5
78
2 12
4
90
36
1.0
-
6 16
1~7KΩ
30W
80
17 8 22
5
100 2 12
4 112 36
1.0
-
6 16
1~10KΩ
40W
110 17 8 22
5
128 2 12
4 140 36
1.0
-
6 16
1~13KΩ
50W
110 25 16 30
8
150 5 18
6 166 58
1.2
6
- 27
0.1~25KΩ
60W
90
28 18 32
8
130 5 19
6 146 60
1.2
6
- 27
0.1~30KΩ
80W
110 28 18 32
8
150 5 19
6 166 60
1.2
6
- 27
0.1~40KΩ
100W
140 28 18 32
8
180 5 19
6 196 60
1.2
6
- 27
0.1~50KΩ
120W
160 28 18 32
8
200 5 19
6 216 60
1.2
6
- 27
0.1~60KΩ
150W
195 28 18 32
8
235 5 19
6 251 60
1.2
6
- 27
0.3~75KΩ
160W
185 35 24 36 10 225 5 19
8 245 76
1.6
6
- 34
0.3~80KΩ
200W
210 35 24 36 10 250 5 19
8 274 76
1.6
6
- 34
0.3~100KΩ
250W
210 40 25 38 12 250 5 20
8 274 78
1.6
6
- 34
0.5~125KΩ
300W
260 40 25 38 12 300 5 20
8 320 78
1.6
6
- 34
0.5~150KΩ
400W
330 40 25 38 12 370 5 20
8 395 78
1.6
6
- 34
0.5~200KΩ
500W
330 50 35 50 12 380 6 25
9 400 100 1.6
8
- 40
0.5~250KΩ
600W
400 50 35 50 12 450 6 25
9 470 100 1.6
8
- 40
0.8~300KΩ
700W
460 50 35 50 12 510 6 25
9 530 100 1.6
8
- 40
0.8~350KΩ
800W
460 60 40 55 15 515 6 30 10 535 110 1.6 10 - 50
0.8~400KΩ
1000W 540 60 40 55 15 595 6 30 10 615 110 1.6 10 - 50
1~500KΩ
1300W 650 65 42 62 15 702 6 30 10 722 115 1.6 10 - 50
1~750KΩ
DR Round-Wirewound Power Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DRBN600W10RKN

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DRB-09P11 YAMAICHI-DRB-09P11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09P12 YAMAICHI-DRB-09P12 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09S11 YAMAICHI-DRB-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-09S12 YAMAICHI-DRB-09S12 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRB-15P11 YAMAICHI-DRB-15P11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
More results

Similar Description - DRBN600W10RKN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com