Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQA1500W100RHC Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # DQA1500W100RHC
Description  DQN Non-Inductive Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DQA1500W100RHC Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  DQA1500W100RHC Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DQA1500W100RHC Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DQA1500W100RHC Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DQA1500W100RHC Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DQA1500W100RHC Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DQA1500W100RHC Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DQA1500W100RHC Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DQA1500W100RHC Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DQA1500W100RHC Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
05 of 09
Version 2010
Preview
DQ-*N Power-Rib resistor applies Ayrton Perry non-inductive winding method to compensate residual
inductance and to allow for efficient heat dissipation at higher temperature ranges, so the resistor is half the
physical size of an equivalent rated round wire wound DR resistors.
Non-Inductance :
Ayrton Perry type non-inductive winding is applied. When required add “N” to the part number.
Resistance Tolerance :
K(±10%), J(±5%), H(±3%)
The power DQ-*N Wave-Ribbon Series is lead-free and RoHS compliant. Please contact us for
details with your specific needs.
DQN Non-Inductive Power Resistors
Non-Inductive
Ribbon Wirewound
Power Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Description - DQA1500W100RHC

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
KNPN-1001W0R1FTB TOKEN-KNPN-1001W0R1FTB Datasheet
419Kb / 3P
   KNPN Non-inductive Resistors
logo
List of Unclassifed Man...
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
TPL1200 ETC-TPL1200 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
logo
ABCO ELECTRONICS CO.LTD
WNP1W ABCO-WNP1W Datasheet
569Kb / 1P
   NON-INDUCTIVE WIRE WOUND RESISTORS
logo
Vishay Siliconix
MRA VISHAY-MRA Datasheet
82Kb / 3P
   Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
Revision: 02-May-12
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
logo
Willow Technologies Ltd
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
logo
Willow Technologies Ltd
3R-100 WILLOW-3R-100 Datasheet
812Kb / 2P
   100Watt Mountable Non-Inductive,High Frequency Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com