Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSC539RBC5P Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # UPSC539RBC5P
Description  UPSC Extra Precision Network Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPSC539RBC5P Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  UPSC539RBC5P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPSC539RBC5P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPSC539RBC5P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(UPSC) Resistance Value 40Ω ~ 5MΩ How to Order
530R
A5
C6
UPSC
P
03 of 03
Resistance Value (Ω):
Code
Resistance Tolerance (%)
A2
±0.02%
A5
±0.05%
B
±0.10
Resistance Tolerance (%)
Code
Temperature Coefficient
(ppm/°C)
C3
±25ppm/°C
C5
±15ppm/°C
C6
±10ppm/°C
C7
±5ppm/°C
C9
±3ppm/°C
Temperature Coefficient (ppm/°C)
Package: P (Bulk)
Code
Resistance Value (Ω)
53R
53Ω
530R
530Ω
5K3
5.3KΩ
53K
53KΩ
530K
530KΩ
Part Number: UPSC
(UPSC) Resistance Value 1KΩ ~ 1MΩ How to Order
10K
T
C6
UPSC
P
Resistance Value (Ω):
Code
Resistance Tolerance (%)
T
±0.01%
A2
±0.02%
A5
±0.05%
B
±0.10%
Resistance Tolerance (%)
Code
Temperature Coefficient
(ppm/°C)
C3
±25ppm/°C
C5
±15ppm/°C
C6
±10ppm/°C
C7
±5ppm/°C
C9
±3ppm/°C
C10
±2ppm/°C
Temperature Coefficient (ppm/°C)
Package: P (Bulk)
Code
Resistance Value (Ω)
1K
1KΩ
10K
10KΩ
100K
100KΩ
1M
1MΩ
Part Number: UPSC
Version 2010
UPSC Extra Precision Network Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - Precision Network Resistors (UPSC)


Similar Part No. - UPSC539RBC5P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPSC530KA2C3P TOKEN-UPSC530KA2C3P Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
UPSC530KA2C5P TOKEN-UPSC530KA2C5P Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
UPSC530KA2C6P TOKEN-UPSC530KA2C6P Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
UPSC530KA2C7P TOKEN-UPSC530KA2C7P Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
UPSC530KA2C9P TOKEN-UPSC530KA2C9P Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
More results

Similar Description - UPSC539RBC5P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPR10RA2C3P TOKEN-UPR10RA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
UPRA2C3P TOKEN-UPRA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
UPRNS610RA2C7 TOKEN-UPRNS610RA2C7 Datasheet
324Kb / 4P
   UPRNS Network Precision Resistors
UPRND210RA2C7 TOKEN-UPRND210RA2C7 Datasheet
343Kb / 4P
   UPRND Network Precision Resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
List of Unclassifed Man...
RN1632A ETC2-RN1632A Datasheet
47Kb / 1P
   RN series, RA series, ultra-precision chip network resistors
logo
HOKURIKU ELECTRIC INDUS...
NCR104 HOKURIKU-NCR104 Datasheet
94Kb / 3P
   Network Chip Resistors
logo
List of Unclassifed Man...
RQL50 ETC-RQL50 Datasheet
715Kb / 1P
   RQL50 NETWORK RESISTORS
logo
HOKURIKU ELECTRIC INDUS...
E011405 HOKURIKU-E011405 Datasheet
94Kb / 3P
   Network Chip Resistors
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
   NETWORK RESISTORS RA Series: SIP Network
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com