Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4321 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4321
Description  Power Supply Cord with CH Power (Mains) Plug 3-pole, Straight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4321 Datasheet(HTML) 2 Page - Schurter Inc.

  4321 Datasheet HTML 1Page - Schurter Inc. 4321 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Cord Sets
432
www.schurter.com/pg07_2
Connectors
Config. Code
Product Configurator
4321
|-|R|-|Type|-|D|-|Length|
The characters are placeholders for the correspondingly keys of selections from the key tables.
Typ steht für die Dose bzw. 2. Seite, Länge ist die Leitungslänge in mm.
4321
|-|R|-|Type|-|D|-|Length| = cord type
cord type
Configuration
key
H03VV-F 3G0,75mm2
C
H05VV-F 3G0,75mm2
G
H05VV-F 3G1,0mm2
I
Cord definition is detailed in general product information XXX
4321
|-|R|-|Type|-|D|-|Length| = Cord end 2
Cord end 2
zzzz, 1654, 2512, 2530, 3012, 3013, 3020, 3027, 3030, 311L, 312L, 3366, 3368
4321
|-|R|-|Type|-|D|-|Length| = Color
Color
Configuration
key
jet black; RAL9005
A
silver grey; RAL7001
B
standard color: black
4321
|-|R|-|Type|-|D|-|Length| = Cord length
Cord length
zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000
Cord length in mm
Packaging unit
100 Pcs
The specifications, descriptions and illustrations indicated in this document are based on
current information. All content is subject to modifications and amendments.


Similar Part No. - 4321

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4321 VCC-4321 Datasheet
79Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Heyco.
4321 HEYCO-4321 Datasheet
105Kb / 1P
   PVC and Nylon LED Spacers
4321 HEYCO-4321 Datasheet
115Kb / 1P
   Surface Mount Miniature Connectors
logo
List of Unclassifed Man...
4321-AQ0025 ETC1-4321-AQ0025 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4321-AQ4096 ETC1-4321-AQ4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
More results

Similar Description - 4321

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2225 SCHURTER-2225 Datasheet
235Kb / 2P
   Power Supply Cord with CH Power (Mains) Plug 2-pole, Straight
4310 SCHURTER-4310 Datasheet
240Kb / 2P
   Power Supply Cord with IT Power (Mains) Plug 3-pole, Straight
4390 SCHURTER-4390 Datasheet
269Kb / 2P
   Power Supply Cord with NEMA 5-15 Power (Mains) Plug 3-pole, Straight
2343 SCHURTER-2343 Datasheet
260Kb / 2P
   Power Supply Cord with UK Power (Mains) Plug 3-pole, Angled
4121 SCHURTER-4121 Datasheet
273Kb / 2P
   Power Supply Cord with Euro- Power (Mains) Plug, Straight
4370 SCHURTER-4370 Datasheet
297Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Straight
2228 SCHURTER-2228 Datasheet
214Kb / 1P
   Power Cord with Contour Power (Mains) Plug 2-pole, Straight
419C SCHURTER-419C Datasheet
238Kb / 2P
   Power Supply Cord with NEMA 1-15 Power (Mains) Plug 2-pole, Straight
1140 SCHURTER-1140 Datasheet
242Kb / 2P
   Power Supply Cord with NEMA 5-15 Power (Mains) Plug 3-pole, Angled
4250 SCHURTER-4250 Datasheet
266Kb / 2P
   Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com