Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4370 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4370
Description  Power Supply Cord with Shako Power (Mains) Plug, Straight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4370 Datasheet(HTML) 1 Page - Schurter Inc.

  4370 Datasheet HTML 1Page - Schurter Inc. 4370 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Cord Sets
4370
www.schurter.com/pg07_2
Connectors
Power Supply Cord with Shako Power (Mains) Plug, Straight
CEE 7 / VII / DIN
49441‑R2
Description
Power Supply Cord, Protection class I, Pin temperature 70 °C, Cable
Approvals
- VDE License Number: 40015128
References
General Product Information
Weblinks
Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store,
Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC
16 A / 250 VAC; 50 Hz
Ratings UL/CSA
16 A / 250 VAC; 60 Hz
Dielectric Strength
> 2 kVDC between L-N
> 2 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Temp.
-25 °C to 70 °C
Degree of Protection
from front side IP 20 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class 1 acc. to IEC 61140
Terminal
moulded
Material: Housing
PVC, black or grey
Dimensions
36.6 mm
36.6
71
19


Similar Part No. - 4370

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4370 CML-4370 Datasheet
24Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Visual Communications C...
4370 VCC-4370 Datasheet
84Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Ulti-Mate Connector Inc
437021351 ULTI-MATE-437021351 Datasheet
65Kb / 1P
   MICRO-D WIRED STRIP CONNECTOR, PLUG, SIZE 02 W/ GUIDE PIN HOLE SR02P1-26E5-12.0-HT
12-19-14
437022050 ULTI-MATE-437022050 Datasheet
63Kb / 1P
   MICRO-D STRIP CIRCUIT CONNECTOR, HIGH TEMP, SR02S0-L02-HT
1-9-15
437022081 ULTI-MATE-437022081 Datasheet
67Kb / 1P
   MICRO-D STRIP CONNECTOR, RECEPTACLE, SIZE 2 W/GUIDE PIN, HI-TEMP SR02S1-L01-HT
02/04/2014
More results

Similar Description - 4370

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
422U SCHURTER-422U_V01 Datasheet
390Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
422U SCHURTER-422U Datasheet
336Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
4121 SCHURTER-4121 Datasheet
273Kb / 2P
   Power Supply Cord with Euro- Power (Mains) Plug, Straight
2225 SCHURTER-2225 Datasheet
235Kb / 2P
   Power Supply Cord with CH Power (Mains) Plug 2-pole, Straight
4310 SCHURTER-4310 Datasheet
240Kb / 2P
   Power Supply Cord with IT Power (Mains) Plug 3-pole, Straight
4321 SCHURTER-4321 Datasheet
271Kb / 2P
   Power Supply Cord with CH Power (Mains) Plug 3-pole, Straight
4390 SCHURTER-4390 Datasheet
269Kb / 2P
   Power Supply Cord with NEMA 5-15 Power (Mains) Plug 3-pole, Straight
419C SCHURTER-419C Datasheet
238Kb / 2P
   Power Supply Cord with NEMA 1-15 Power (Mains) Plug 2-pole, Straight
2228 SCHURTER-2228 Datasheet
214Kb / 1P
   Power Cord with Contour Power (Mains) Plug 2-pole, Straight
4250 SCHURTER-4250 Datasheet
266Kb / 2P
   Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com