Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 2N7002P
Description  60 V, 0.3 A N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 2N7002P Datasheet HTML 6Page - NXP Semiconductors 2N7002P Datasheet HTML 7Page - NXP Semiconductors 2N7002P Datasheet HTML 8Page - NXP Semiconductors 2N7002P Datasheet HTML 9Page - NXP Semiconductors 2N7002P Datasheet HTML 10Page - NXP Semiconductors 2N7002P Datasheet HTML 11Page - NXP Semiconductors 2N7002P Datasheet HTML 12Page - NXP Semiconductors 2N7002P Datasheet HTML 13Page - NXP Semiconductors 2N7002P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2N7002P_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 19 April 2010
10 of 16
NXP Semiconductors
2N7002P
60 V, 0.3 A N-channel Trench MOSFET
8.
Test information
Fig 17. Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2


Similar Part No. - 2N7002P

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2N7002P NEXPERIA-2N7002P Datasheet
283Kb / 15P
   60 V, 360 mA N-channel Trench MOSFET
23 November 2020
logo
NXP Semiconductors
2N7002PS NXP-2N7002PS Datasheet
382Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-1 July 2010
logo
Nexperia B.V. All right...
2N7002PS NEXPERIA-2N7002PS Datasheet
294Kb / 15P
   60 V, 320 mA dual N-channel Trench MOSFET
23 November 2020
logo
Chenmko Enterprise Co. ...
2N7002PT CHENMKO-2N7002PT Datasheet
191Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Sirectifier Global Corp...
2N7002PT SIRECT-2N7002PT Datasheet
184Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor - 0.25Amp 60Volt
More results

Similar Description - 2N7002P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002CK PHILIPS-2N7002CK_15 Datasheet
83Kb / 13P
   60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-11 September 2009
2N7002PW NXP-2N7002PW Datasheet
173Kb / 16P
   60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-22 April 2010
2N7002CK NXP-2N7002CK Datasheet
83Kb / 13P
   60 V, 0.3 A N-channel Trench MOSFET
Rev. 01-11 September 2009
logo
Nexperia B.V. All right...
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
   60 V, N-channel Trench MOSFET
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
   60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
   60 V, N-channel Trench MOSFET
8 April 2021
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
   60 V, N-channel Trench MOSFET
13 May 2019
PMX800ENE NEXPERIA-PMX800ENE Datasheet
274Kb / 14P
   60 V, N-channel Trench MOSFET
12 July 2023
PMN120ENE NEXPERIA-PMN120ENE Datasheet
270Kb / 15P
   60 V, N-channel Trench MOSFET
14 December 2017
PMV164ENE NEXPERIA-PMV164ENE Datasheet
273Kb / 15P
   60 V, N-channel Trench MOSFET
29 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com