Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCALPTR0510R10K Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TCALPTR0510R10K
Description  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALPTR0510R10K Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button TCALPTR0510R10K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALPTR0510R10K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALPTR0510R10K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALPTR0510R10K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALPTR0510R10K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALPTR0510R10K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALPTR0510R10K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCALPTR0510R10K Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TCALPTR0510R10K Datasheet HTML 11Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
08 of 11
(TCAL0204) Characteristics
Part Number
Inductance
(µH)
Q
(min)
Freq.
(MHz)
SRF
(MHz)(min)
DCR
(Ω)(max)
RDC
(mA)(max)
TCAL**0204-R22M
0.22±20%
40
25.2
175
0.20
705
TCAL**0204-R27M
0.27±20%
40
25.2
160
0.22
670
TCAL**0204-R33M
0.33±20%
40
25.2
150
0.24
645
TCAL**0204-R39M
0.39±20%
50
25.2
150
0.27
605
TCAL**0204-R47M
0.47±20%
50
25.2
150
0.30
575
TCAL**0204-R56M
0.56±20%
50
25.2
150
0.34
540
TCAL**0204-R68M
0.68±20%
50
25.2
150
0.38
510
TCAL**0204-R82M
0.82±20%
50
25.2
150
0.43
480
TCAL**0204-1R0K
1.0±10%
50
25.2
150
0.46
465
TCAL**0204-1R2K
1.2±10%
50
7.96
110
0.52
435
TCAL**0204-1R5K
1.5±10%
50
7.96
80
0.57
415
TCAL**0204-1R8K
1.8±10%
50
7.96
66
0.60
405
TCAL**0204-2R2K
2.2±10%
50
7.96
60
0.65
390
TCAL**0204-2R7K
2.7±10%
50
7.96
54
0.73
370
TCAL**0204-3R3K
3.3±10%
50
7.96
48
0.82
345
TCAL**0204-3R9K
3.9±10%
50
7.96
44
0.90
330
TCAL**0204-4R7K
4.7±10%
50
7.96
38
1.00
315
TCAL**0204-5R6K
5.6±10%
50
7.96
34
1.10
300
TCAL**0204-6R8K
6.8±10%
50
7.96
30
1.20
285
TCAL**0204-8R2K
8.2±10%
50
7.96
26
1.30
275
TCAL**0204-100K
10±10%
50
7.96
24
1.40
265
TCAL**0204-120K
12±10%
50
2.52
22
1.50
255
TCAL**0204-150K
15±10%
50
2.52
20
1.65
245
TCAL**0204-180K
18±10%
50
2.52
18
1.90
225
TCAL**0204-220K
22±10%
50
2.52
17
2.20
210
TCAL**0204-270K
27±10%
50
2.52
16
2.50
200
TCAL**0204-330K
33±10%
50
2.52
14
3.80
160
TCAL**0204-390K
39±10%
50
2.52
13
4.20
150
TCAL**0204-470K
47±10%
50
2.52
12
4.60
145
TCAL**0204-560K
56±10%
40
2.52
11
5.10
140
TCAL**0204-680K
68±10%
40
2.52
10
5.60
130
TCAL**0204-820K
82±10%
40
2.52
9.5
9.60
100
TCAL**0204-101K
100±10%
40
2.52
8.0
10.8
95
TCAL**0204-121K
120±10%
40
0.796
6.5
12.5
85
TCAL**0204-151K
150±10%
40
0.796
6.0
14.5
80
TCAL**0204-181K
180±10%
40
0.796
5.5
16.3
75
TCAL**0204-221K
220±10%
40
0.796
5.0
20.0
70
Version 2010
TCAL Through Hole Fixed Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TCALPTR0510R10K

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Similar Description - TCALPTR0510R10K

ManufacturerPart #DatasheetDescription
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com