Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF402D78B-S4 Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd.

Part # TSF402D78B-S4
Description  Front End Filters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSF402D78B-S4 Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd.

Back Button TSF402D78B-S4 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. TSF402D78B-S4 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
Version 2010
SAW Filters for Pager Application
Part Number
Center Freq.
(MHz)
BW
(MHz)
IL(dB)
Package
SMD Type
DIP Type
TSF139D00-D2
139
+4.0
6.5 max.
F-11
TSF147D00A-D2
147
+4.0
6.5 max.
F-11
TSF147D00B-S4
147
+4.0
6.5 max.
QCC8C
TSF155D00A-D2
155
+4.0
6.5 max.
F-11
TSF155D00B-S4
155
+4.0
6.5 max.
QCC8C
TSF163D00A-D2
163
+4.0
6.5 max.
F-11
TSF163D00B-S4
163
+4.0
6.5 max.
QCC8C
TSF171D00A-D2
171
+4.0
6.5 max.
F-11
TSF171D00B-S4
171
+4.0
6.5 max.
QCC8C
TSF281D00A-D2
281
+3.1
4.5 max.
F-11
TSF281D00B-S4
281
+4.0
4.5 max.
QCC8C
TSF930D50A-D2
930.5
+2.0
4.5 max.
F-11
TSF930D50B-S4
930.5
+2.0
4.5 max.
QCC8C
TSF930D50C-S7
930.5
+2.0
4.5 max.
DCC6
Typical Specification
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TSF402D78B-S4

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
TSF40 CYNERGY3-TSF40 Datasheet
68Kb / 1P
   Compact internal fitting with integral thermistor output
logo
Taiwan Semiconductor Co...
TSF40H100C TSC-TSF40H100C Datasheet
365Kb / 5P
   Trench Schottky Rectifier
TSF40H120C TSC-TSF40H120C Datasheet
365Kb / 5P
   Trench Schottky Rectifier
TSF40H150C TSC-TSF40H150C Datasheet
365Kb / 5P
   Trench Schottky Rectifier
TSF40H200C TSC-TSF40H200C Datasheet
365Kb / 5P
   Trench Schottky Rectifier
More results

Similar Description - TSF402D78B-S4

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
2133C MTRONPTI-2133C Datasheet
52Kb / 1P
   Front End Crystal Filters
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
   Front-End Filters: 10.0MHz to 220 MHz
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Texas Instruments
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com