Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRCM453232-330J Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TRCM453232-330J
Description  TRCM Chip Wirewound Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRCM453232-330J Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TRCM453232-330J Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRCM453232-330J Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRCM453232-330J Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRCM453232-330J Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRCM453232-330J Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRCM453232-330J Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRCM453232-330J Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
04 of 07
Version 2010
TRCM Chip Wirewound Inductors
Part No.
Inductance
(µH)
Q
(min)
Test Freq.
(MHZ)
SRF
(MHz)(min)
DCR
(Ω)(max)
IDC
(mA)
TRCM322522 - 220J
22 ± 5%
30
2.52
20
3.7
110
TRCM322522 - 270J
27 ± 5%
30
2.52
20
5
80
TRCM322522 - 330J
33 ± 5%
30
2.52
17
5.6
70
TRCM322522 - 390J
39 ± 5%
30
2.52
16
6.4
65
TRCM322522 - 470J
47 ± 5%
30
2.52
15
7
60
TRCM322522 - 560J
56 ± 5%
30
2.52
13
8
55
TRCM322522 - 680J
68 ± 5%
30
2.52
12
9
50
TRCM322522 - 820J
82 ± 5%
30
2.52
11
10
45
TRCM322522 - 101J
100 ± 5%
20
0.796
10
10
40
TRCM322522 - 121J
120 ± 5%
20
0.796
10
11
70
TRCM322522 - 151J
150 ± 5%
20
0.796
8
15
65
TRCM322522 - 181J
180 ± 5%
20
0.796
7
17
60
TRCM322522 - 221J
220± 5%
20
0.796
7
21
50
TRCM322522 - 271J
270 ± 5%
20
0.796
6
28
45
TRCM322522 - 331J
330 ± 5%
20
0.796
5
34
40
TRCM322522 - 391J
390 ± 5%
20
0.796
5
36
35
TRCM322522 - 471J
470 ± 5%
20
0.796
4
40
25
Continued from the preceding page.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRCM453232-330J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
List of Unclassifed Man...
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S035PS ETC2-TRC-025S035PS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045DS ETC2-TRC-025S045DS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045PS ETC2-TRC-025S045PS Datasheet
770Kb / 3P
   25W Switch Mode LED Drivers Constant Current, Long Life
More results

Similar Description - TRCM453232-330J

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com