Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZQN250W12RH Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # ZQN250W12RH
Description  ZR Flat-Wirewound Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

ZQN250W12RH Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  ZQN250W12RH Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. ZQN250W12RH Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. ZQN250W12RH Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. ZQN250W12RH Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 of 04
Set-Type Non-Inductive Wirewound (ZDN) 40W ~ 300W Dimensions
Wattage
Rating
Dimensions(mm)
Resistance
Range(Ω)
A
B
C
D
E
F
G
H
I
J
K
40W
83
70
50
28
11
5.2
4.1
13
6.5
12
42
0.1~2KΩ
55W
123
110
90
28
11
5.2
4.1
13
6.5
12
42
0.1~2.5KΩ
70W
153
140
120
28
11
5.2
4.1
13
6.5
12
42
0.1~3KΩ
95W
183
170
150
28
11
5.2
4.1
13
6.5
12
42
0.1~4.5KΩ
100W
193
180
160
28
11
5.2
4.1
13
6.5
12
42
0.1~5.5KΩ
120W
218
205
185
28
11
5.2
4.1
13
9
12
42
0.1~7KΩ
150W
218
205
185
35
11
5.2
5.2
13
9
13
48
0.1~8.5KΩ
200W
243
230
210
35
11
5.2
5.2
13
9
13
48
0.1~12KΩ
250W
287
274
254
35
11
5.2
5.2
13
9
13
48
0.1~14KΩ
300W
333
320
300
35
11
5.2
5.2
13
9
13
48
0.1~16KΩ
Wave-Type Wirewound (ZQR) 60W ~ 450W Dimensions
F
I
J
E
H
C
B
A
D
K
G
Wattage
Rating
Dimensions(mm)
Resistance
Range(Ω)
A
B
C
D
E
F
G
H
I
J
K
60W
83
70
50
28
11
5.2
4.1
13
6.5
12
42
1~4Ω
80W
123
110
90
28
11
5.2
4.1
13
6.5
12
42
1~5Ω
100W
153
140
120
28
11
5.2
4.1
13
6.5
12
42
1~7Ω
140W
183
170
150
28
11
5.2
4.1
13
6.5
12
42
1~9Ω
150W
193
180
160
28
11
5.2
4.1
13
6.5
12
42
1~10Ω
180W
218
205
185
28
11
5.2
4.1
13
9
12
42
1~12Ω
225W
218
205
185
35
11
5.2
5.2
13
9
13
48
1~15Ω
300W
243
230
210
35
11
5.2
5.2
13
9
13
48
1~20Ω
375W
287
274
254
35
11
5.2
5.2
13
9
13
48
1~25Ω
450W
333
320
300
35
11
5.2
5.2
13
9
13
48
1~30Ω
F
E
C
B
A
I
G
Version 2010
ZR Flat-Wirewound Power Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Description - ZQN250W12RH

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
FW70W-R100-KB RCD-FW70W-R100-KB Datasheet
54Kb / 1P
   FLAT POWER WIREWOUND RESISTORS, 40 - 450 WATT
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
OVSF VISHAY-OVSF Datasheet
111Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Fixed, OVSF
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com