Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRU5MC1KKP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # FRU5MC1KKP
Description  FKU/FRU Thermal Cut-offs Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

FRU5MC1KKP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  FRU5MC1KKP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. FRU5MC1KKP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. FRU5MC1KKP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
How to Order
5M
A
10R
FRU
K
Part Number
Rated Power (W): 5M, 7M, 10M
Thermal Cut-offs (Ω)
Resistance Value (Ω)
Code
Thermal Cut-offs
A
109+1/-3°C
B
129±4°C
C
152±4°C
D
188+3/-1°C
E
226+1/-3°C
F
95+3/-0°C
G
110±4°C
H
126±4°C
N
130±4°C
M
145±4°C
Package
Code
Package
P
Bulk
Code
Resistance Value (Ω)
1R
10R
10Ω
100R
100RΩ
1K
1000Ω
P
Code
Resistance Value
FRU
Metal Oxide type
Thermal Cut-offs
FKU
Wirewound type
Thermal Cut-offs
Resistance Tolerance (%)
Code
Resistance Tolerance (%)
J
±5%
K
±10%
Version 2010
FKU/FRU Thermal Cut-offs Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - Thermal Cut-offs Resistors (FKU/FRU)


Similar Part No. - FRU5MC1KKP

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FRU500-30 DBLECTRO-FRU500-30 Datasheet
113Kb / 3P
   Radial Leaded PTC FRU Series
logo
RFE international
FRU500-30F RFE-FRU500-30F Datasheet
161Kb / 2P
   Radial Leaded PPTC FRU Series
logo
Fuzetec Technology Co.,...
FRU500-30F FUZETEC-FRU500-30F Datasheet
139Kb / 3P
   Radial Leaded PTC Resettable Fuse: FRU Series
logo
RFE international
FRU500-30F RFE-FRU500-30F Datasheet
260Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/23
More results

Similar Description - FRU5MC1KKP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDJ1 ETC2-SDJ1 Datasheet
492Kb / 3P
   Thermal Cut-Offs
logo
Panasonic Semiconductor
ERU-5TBJ100 PANASONIC-ERU-5TBJ100 Datasheet
90Kb / 3P
   Wirewound Resistor with Ther mal Cut-offs
ERU5TBJ6R8 PANASONIC-ERU5TBJ6R8 Datasheet
90Kb / 3P
   Wirewound Resistor with Ther mal Cut-offs
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
[Old version datasheet]   Thermal Cut-out
logo
List of Unclassifed Man...
RCT ETC-RCT Datasheet
529Kb / 1P
   THERMAL CUT-OFF RESISTOR
logo
Texas Instruments
15AM TI-15AM Datasheet
193Kb / 2P
[Old version datasheet]   Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
   Motor Protector/Thermal Cut-Out
125295 ETC-125295 Datasheet
1Mb / 12P
   Thermal Extrusions Cut to Length
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
   Thermal motor protector Temperature limiter Thermal cut-out
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
   Cement Resistor With Thermal Cut-Off
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com