Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX491 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FCX491
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX491 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FCX491 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 3 - OCTOBER 1995
7
FEATURES
*
60 Volt V
CEO
*
1 Amp continuous current
*P
tot= 1 Watt
COMPLEMENTARY TYPE –
FCX591
PARTMARKING DETAIL –
N1
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
1A
Peak Pulse Current
ICM
2A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
80
V
IC=100µA
VCEO(sus)
60
V
IC=10mA*
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Currents
ICBO
100
nA
VCB=60V,
ICES
100
nA
VCE=60V
Emitter Cut-Off Current
IEBO
100
nA
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.25
0.50
V
V
IC=500mA, IB=50mA*
IC=1A, IB=100mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.1
V
IC=1A, IB=100mA*
Base-Emitter
Turn On Voltage
VBE(on)
1.0
V
IC=1A, VCE=5V*
Static Forward Current
Transfer Ratio
hFE
100
100
80
30
300
IC=1mA, VCE=5V
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
Transition Frequency
fT
150
MHz
IC=50mA, VCE=10V
f=100MHz
Collector-Base
Breakdown Voltage
Cobo
10
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
For typical Characteristics graphs see FMMT491 datasheet
FCX491
C
C
B
E
3 - 86


Similar Part No. - FCX491

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FCX491 KEXIN-FCX491 Datasheet
35Kb / 2P
   Medium Power Transistor
logo
Diodes Incorporated
FCX491 DIODES-FCX491 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 DIODES-FCX491 Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
logo
Zetex Semiconductors
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FCX491A KEXIN-FCX491A Datasheet
35Kb / 2P
   Medium Power Transistor
More results

Similar Description - FCX491

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3053 SEME-LAB-2N3053_02 Datasheet
41Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
   NPN Silicon Planar Medium Power Transistor
logo
Seme LAB
ZT91 SEME-LAB-ZT91_01 Datasheet
52Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Diodes Incorporated
ZTX449 DIODES-ZTX449_15 Datasheet
61Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com