Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT841PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABT841PW
Description  10-bit bus interface latch; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT841PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT841PW Datasheet HTML 2Page - NXP Semiconductors 74ABT841PW Datasheet HTML 3Page - NXP Semiconductors 74ABT841PW Datasheet HTML 4Page - NXP Semiconductors 74ABT841PW Datasheet HTML 5Page - NXP Semiconductors 74ABT841PW Datasheet HTML 6Page - NXP Semiconductors 74ABT841PW Datasheet HTML 7Page - NXP Semiconductors 74ABT841PW Datasheet HTML 8Page - NXP Semiconductors 74ABT841PW Datasheet HTML 9Page - NXP Semiconductors 74ABT841PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74ABT841_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 25 March 2010
6 of 15
NXP Semiconductors
74ABT841
10-bit bus interface latch; 3-state
[1]
For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
[2]
This parameter is valid for any VCC between 0 V and 2.1 V with a transition time of up to 10 ms. For VCC = 2.1 V to VCC = 5 V ± 10 %, a
transition time of up to 100
μs is permitted.
[3]
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
[4]
This is the increase in supply current for each input at 3.4 V.
10. Dynamic characteristics
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
0.5
250
-
250
μA
outputs LOW-state
-
25
38
-
38
mA
outputs disabled
-
0.5
250
-
250
μA
ΔI
CC
additional supply current
per input pin; VCC = 5.5 V; one
input at 3.4 V; other inputs at VCC
or GND
[4]
-
0.5
1.5
-
1.5
mA
CI
input capacitance
VI = 0 V or VCC
-
4
-
-
-
pF
CO
output capacitance
outputs disabled; VO = 0 V or VCC
-
7
-
-
-
pF
Table 6.
Static characteristics …continued
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; for test circuit, see Figure 9.
Symbol Parameter
Conditions
25
°C; V
CC = 5.0 V
−40 °C to +70 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
tPLH
LOW to HIGH
propagation delay
Dn to Qn; see Figure 5
2.1
4.1
5.5
2.1
6.2
ns
LE to Qn; see Figure 6
2.1
4.1
5.9
2.1
6.5
ns
tPHL
HIGH to LOW
propagation delay
Dn to Qn; see Figure 5
2.0
4.0
5.5
2.0
6.2
ns
LE to Qn; see Figure 6
2.8
4.6
6.2
2.8
6.7
ns
tPZH
OFF-state to HIGH
propagation delay
OE to Qn; see Figure 7
1.0
3.0
4.5
1.0
5.3
ns
tPZL
OFF-state to LOW
propagation delay
OE to Qn; see Figure 7
2.2
4.1
5.6
2.2
6.3
ns
tPHZ
HIGH to OFF-state
propagation delay
OE to Qn; see Figure 7
2.7
4.7
6.2
2.7
7.1
ns
tPLZ
LOW to OFF-state
propagation delay
OE to Qn; see Figure 7
2.8
4.6
6.1
2.8
6.5
ns
tsu(H)
set-up time HIGH
Dn to LE; see Figure 8
2.5
1.0
-
2.5
-
ns
tsu(L)
set-up time LOW
Dn to LE; see Figure 8
1.5
0
-
1.5
-
ns
th(H)
hold time HIGH
Dn to LE; see Figure 8
1.5
0.2
-
1.5
-
ns
th(L)
hold time LOW
Dn to LE; see Figure 8
+1.0
−0.8
-
1.0
-
ns
tWH
pulse width HIGH
LE; see Figure 6
3.3
1.9
-
3.3
-
ns
tWL
pulse width LOW
LE; see Figure 6
3.3
1.9
-
3.3
-
ns


Similar Part No. - 74ABT841PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT841PW PHILIPS-74ABT841PW Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
74ABT841PWDH PHILIPS-74ABT841PWDH Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
More results

Similar Description - 74ABT841PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
   Dual 10-bit bus interface latch 3-State
August 24, 1993
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
logo
Texas Instruments
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
   18-bit bus-interface D-type latch 3-State
1998 Aug 04
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
   18-bit bus-interface D-type latch (3-State)
1998 Aug 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com