Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RVT24YDME20FB102K Datasheet(PDF) 7 Page - TOCOSAMERICA, INC.

Part # RVT24YDME20FB102K
Description  24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RVT24YDME20FB102K Datasheet(HTML) 7 Page - TOCOSAMERICA, INC.

  RVT24YDME20FB102K Datasheet HTML 1Page - TOCOSAMERICA, INC. RVT24YDME20FB102K Datasheet HTML 2Page - TOCOSAMERICA, INC. RVT24YDME20FB102K Datasheet HTML 3Page - TOCOSAMERICA, INC. RVT24YDME20FB102K Datasheet HTML 4Page - TOCOSAMERICA, INC. RVT24YDME20FB102K Datasheet HTML 5Page - TOCOSAMERICA, INC. RVT24YDME20FB102K Datasheet HTML 6Page - TOCOSAMERICA, INC. RVT24YDME20FB102K Datasheet HTML 7Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Part Numbering System
RV24 Series
Resistance (
Ω)
050
100
200
500
Resistance (
Ω)
1,000
2,000
5,000
Resistance (
Ω)
10,000
20,000
50,000
Resistance (
Ω)
100,000
200,000
500,000
Resistance (
Ω)
1,000,000
2,000,000
Code
500
101
201
501
Code
102
202
502
Code
103
203
503
Code
104
204
504
Code
105
205
Standard Nominal Total Resistance Values and Part Numbering Codes
Standard Resistance Values and Part Numbering Codes
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability.
For additional information, refer to Guidelines and Precautions for Using Panel Controls.
RV
Y
24
103 K
T
N ME
S
B
20
Resistance Tolerance: K =
10% (standard).
Resistance Code: Expressed in ohms. A three digit code where the first
two digits are significant figures, and the third digit indicates the number
of zeros that follow these figures (i.e., 100 = 10
Ω;101 = 100Ω;102 = 1,000Ω;
103 = 10,000
Ω;105 = 1,000,000Ω). See table for standard resistance values.
For Single Unit:
Specify taper and resistance code as shown.
For Ganged Tandem Unit or Dual Unit:
Specify a taper code and resistance code for each unit starting with
the front unit followed by the rear unit. If both units have the same taper
and resistance codes, add “ X2” suffix per example below.
Examples: B103A503 or if both units are the same: B103X2
For Triple Unit:
Specify a taper code and resistance code for each unit starting with
the front unit followed by the middle and rear units. If all units have the
same taper and resistance codes, add “ X3” suffix per example below.
Examples: B103A503B104 or if all units are the same: B103X3
Resistance Taper: B = Linear.
A = CW Audio (logarithm).
C = CCW Audio (logarithm).
Shaft End Style: S = Slotted; F = Flatted; R = Round.
For Single Shaft:
Specify the shaft length (FMS) and shaft end style as shown.
For Dual Concentric Shaft:
Specify the shaft length (FMS) and shaft end style for the inner shaft
followed by the shaft length (FMS) and shaft end style for the outer
shaft. Use a dash (-) to separate the code groups for the inner and
outer shaft specifications. Example: 30R-20R
Standard Shaft Length: 15 = 15 mm FMS.
20 = 20mm FMS.
Up to 50mm shaft length available (special order ).
Switch Type: ME = SPDT, 110VAC, 1A, Rear Exit Lug Terminals.
MF = SPDT, 110VAC, 3A, Rear Exit Lug Terminals.
SE = SPST, 110VAC, 1A, Rear Exit Lug Terminals.
SF = SPST, 110VAC, 3A, Rear Exit Lug Terminals.
Blank = No Switch.
Style: N
= Panel Mount, Single Unit, Single Shaft, Right Angle Ear-Lug
Terminals.
L
= Panel Mount, Single Unit, Single Shaft with Shaft Lock,
Right Angle Ear-Lug Terminals.
G
= Panel Mount, Ganged Tandem Unit, Single Shaft, Right Angle
Ear-Lug Terminals on Each Unit.
GL = Panel Mount, Ganged Tandem Unit, Single Shaft with Shaft
Lock, Right Angle Ear-Lug Terminals on Each Unit.
T
= Panel Mount, Triple Unit, Single Shaft, Right Angle Ear-Lug
Terminals on Each Unit.
D
= Panel Mount, Dual Unit, Dual Concentric Shaft, Right Angle
Ear-Lug Terminals on Each Unit.
Operating Temperature Range: Y =
10 C to
85 C.
Size: 24 = 24mm Diameter.
Center Tap: T = With Tap; Blank = Without Tap.
TOCOS Series Name: RV = Carbon Film Element.
NOTE: FMS = From Mounting Surface
41


Similar Part No. - RVT24YDME20FB102K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RVT-100V100MG10U-R2 TAIYO-YUDEN-RVT-100V100MG10U-R2 Datasheet
251Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVT]
RVT-100V100MG10UQ-R2 TAIYO-YUDEN-RVT-100V100MG10UQ-R2 Datasheet
251Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVT]
RVT-100V220MG10U-R2 TAIYO-YUDEN-RVT-100V220MG10U-R2 Datasheet
251Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVT]
RVT-100V220MG10UQ-R2 TAIYO-YUDEN-RVT-100V220MG10UQ-R2 Datasheet
251Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVT]
RVT-100V220MH10U-R2 TAIYO-YUDEN-RVT-100V220MH10U-R2 Datasheet
251Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVT]
More results

Similar Description - RVT24YDME20FB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
   Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV103 TOCOS-RV103 Datasheet
598Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV102 TOCOS-RV102 Datasheet
514Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com