Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE650.5W1K1BC6P Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RE650.5W1K1BC6P
Description  RE High Precision Low TCR Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RE650.5W1K1BC6P Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RE650.5W1K1BC6P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RE650.5W1K1BC6P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RE650.5W1K1BC6P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Metal Film (RE) Dimensions & Technical Characteristics
L
D
A
100
50
0
-55
70
175 (°C)
(Rated power)%
High Precision Resistor Coating Type (RE)
Dimensions
High Precision Resistor Coating Type (RE)
Power - Temperature Curve
Type
RE50
RE55
RE60
RE65
RE70
RE75
Rated Wattage (W)
70 °C
0.125
0.25
0.5
0.75
1.0
1.5
125 °C
0.05
0.10
0.125
0.25
0.5
1.0
Max. Working Voltage (V)
200
200
250
300
350
500
Dimensions (mm)
L ± 0.3
4.0
6.7
9.6
11.8
13.9
17.7
D ± 0.4
1.40
2.05
3.15
3.75
4.65
7.20
A ± 0.05
0.40
0.60
0.60
0.60
0.80
0.80
Resistance Range (Ω)
20 ~ 200K 10 ~ 3M
10 ~ 5M
10 ~ 10M 10 ~ 15M
10 ~ 15M
Working Temperature Range
-55°C ~ +175°C
Nominal Resistance Tolerance
B(±0.10%), C(±0.25%), D(±0.50%), F(±1.00%)
between 5Ω to 3MΩ can be reached to A5(±0.05%) and A2(±0.02%)
Temperature Coefficient PPM
Normal test range(+25°C ~ +85°C)
Special require range(-10°C ~ +50°C)
C6(±10PPM/°C), C5(±15PPM/°C), C3(±25PPM/°C), C2(±50PPM/°C)
between 5Ω to 3MΩ can be reached to C7(±5PPM/°C)
Remark
: Please contact Token’s Representatives if your requirement is not in above range.
Metal Film (RE) Dimensions & Technical Characteristics
Type
Item
Method
Requirement
Long
Period
Life time
GJB244A (MIL-PRF-55182) 4.8.18
Rated Wattage,125°C,2000h 10000h
GJB244A (MIL-PRF-55182) 3.24
ΔR≤±(0.5%R+0.01Ω)
ΔR≤±(2%R+0.01Ω)
Humidity
GJB244A (MIL-PRF-55182) 4.8.18
-10°C ~ +65°C, RH<90%
Rated Wattage, Cycle 240h.
GJB244A (MIL-PRF-55182)3.21
ΔR≤±(0.4%R+0.01Ω)
High temp exposed
GJB244A 4.8.19
175°C 2000h
GJB244A (MIL-PRF-55182)3.25
ΔR≤±(2.0%R+0.01Ω)
Short
Period
Dielectric voltage
GJB244A (MIL-PRF-55182)
4.8.12/4.8.23/4.8.10
GJB244A (MIL-PRF-55182) 3.18/3.29/3.16
ΔR≤±(0.15%R+0.01Ω)
no physical damage, arc,isolation break through
Lead strength
Impact
High frequency
vibration
GJB244A (MIL-PRF-55182)
4.8.11/4.8.16/4.8.17
GJB244A (MIL-PRF-55182) 3.17/3.22/3.23
ΔR≤±(0.20%R+0.01Ω)
no physical damage
Solderability
GJB244A (MIL-PRF-55182) 4.8.14
GJB244A (MIL-PRF-55182)3.20
ΔR≤±(0.10%R+0.01Ω)
no physical damage
Version 2010
RE High Precision Low TCR Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RE650.5W1K1BC6P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RE65G VISHAY-RE65G Datasheet
186Kb / 5P
   Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
Revision: 04-Sep-2019
RE65N VISHAY-RE65N Datasheet
186Kb / 5P
   Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
Revision: 04-Sep-2019
More results

Similar Description - RE650.5W1K1BC6P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
   High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
logo
Token Electronics Indus...
UAR1810RA2C5P TOKEN-UAR1810RA2C5P Datasheet
322Kb / 3P
   UAR Low Noise High Precision Resistors
logo
List of Unclassifed Man...
TG931 ETC2-TG931 Datasheet
147Kb / 1P
   Low TC Precision High Voltage Resistors
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
PLTT VISHAY-PLTT Datasheet
109Kb / 4P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
Revision: 01-Jun-15
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jan-2022
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
   Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
Revision: 01-Jun-15
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com