Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV24YLMF20FB102K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RV24YLMF20FB102K
Description  24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV24YLMF20FB102K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RV24YLMF20FB102K Datasheet HTML 1Page - TOCOSAMERICA, INC. RV24YLMF20FB102K Datasheet HTML 2Page - TOCOSAMERICA, INC. RV24YLMF20FB102K Datasheet HTML 3Page - TOCOSAMERICA, INC. RV24YLMF20FB102K Datasheet HTML 4Page - TOCOSAMERICA, INC. RV24YLMF20FB102K Datasheet HTML 5Page - TOCOSAMERICA, INC. RV24YLMF20FB102K Datasheet HTML 6Page - TOCOSAMERICA, INC. RV24YLMF20FB102K Datasheet HTML 7Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . B = 50
Ω to 2MΩ
A,C = 1k
Ω to 2MΩ
Resistance Tolerance . . . . . . . . . . . . . . . . .
10% standard
End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Ω max.
Resistance Taper . . . . B = linear; A = CW audio (logarithm);
C = CCW audio (logarithm)
Peak Noise (C.R.V.) . . . . . . . 3% or 3
Ω, whichever is greater
Power Rating . . . . . . . . . . . B = 0.25 watt; A,C = 0.125 watt
at
40 C, 0 watt at
85 C
Maximum Input Voltage . . . . . B = 315VDC; A,C = 200VDC
or power rating, whichever is smaller
Insulation Resistance . . . . . 100M
Ω minimum at 1,000VDC
Dielectric Strength . . . . . . . . . . . . . . . . 1,000VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 280
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . 300
5
Shaft Torque
Single Unit . . . . . . 51 to 306 gf cm (0.707 to 4.242 oz in)
Other Units . . . . . . 51 to 510 gf cm (0.707 to 7.070 oz in)
Stop Strength . . . . . . . . . . . 9.18 kgf cm (127.26 oz in) max.
Mounting Nut Torque . . . . . . 15 kgf cm (207.94 oz in) max.
Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds
Marking . . . . . . . . . . . . . Model type, taper, resistance code,
shaft type, terminal identification, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . . .
10 Cto
85 C
Temperature Characteristics . . . . . . . .
85 C, 30 minutes
without load
R ) 10k
Ω © ∆T/R ) 6%
10k
Ω ! R ! 1MΩ © ∆T/R ) 10%
R 0 1M
Ω © ∆T/R ) 15%
Load Life . . . . . . . . . . . .
40 C, 1,000 hours with rated load
∆T/R ) 10%
Moisture and Load Life . . . . . . . . . . . .
40 C, 90-95%RH,
500 hours with rated load
R ! 100k
Ω © ∆T/R ) 10%~ 15%
R 0 100k
Ω © ∆T/R ) 10%~ 20%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . . .
10 C~
85 C,
5 cycles without load
∆T/R ) 10%
Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude,
3 directions, 2 hours each
∆T/R ) 2.5%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds
∆T/R ) 2%
Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock
models only) without load
∆T/R ) 7%
Standard Rotary Switches
Switch Rating . . . . . . . . . . 110VAC, 1A or 3A, SPDT or SPST
Contact Resistance . . . . . . . . . . . . . . . . . . . . . . 0.05
Ω max.
Operating Torque . . . . . . . . 1,530 gf cm (21.21 oz in) max.
Operating Life . . . . . . . . . . . . . . . 10,000 cycles without load
R = Total Resistance Value;
∆T/R = Total Resistance Change
RV24 Series
24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
TOCOS®
P ANEL CONTROLS
Features
24mm diameter, single-turn industrial panel controls
Carbon film element
Linear or audio tapers
Single, tandem and triple units, single shaft; dual unit, dual shaft
SPST or SPDT switch with 1A or 3A rating
Shaft lock and center tap models
Metal shaft and bushing
Panel mount only
Right angle ear-lug terminals
6mm diameter shafts in slot, flat or round end styles
Standard 15mm or 20mm shaft length
RV24YN
RV24YGME
RVT24YN
35


Similar Part No. - RV24YLMF20FB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RV24 TOCOS-RV24 Datasheet
454Kb / 1P
   Waterproof type
logo
Laird Tech Smart Techno...
RV24-5RD LSTD-RV24-5RD Datasheet
510Kb / 1P
   Can mount on left or right side
logo
Stackpole Electronics, ...
RV241K05 SEI-RV241K05 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV241K07 SEI-RV241K07 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
RV241K10 SEI-RV241K10 Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
More results

Similar Description - RV24YLMF20FB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
   Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
   12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
   30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV103 TOCOS-RV103 Datasheet
598Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N TOCOS-RV20N Datasheet
501Kb / 2P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV102 TOCOS-RV102 Datasheet
514Kb / 4P
   10mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV202 TOCOS-RV202 Datasheet
508Kb / 3P
   20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com