Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQBN1500W10RJN Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # DQBN1500W10RJN
Description  DQN Non-Inductive Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DQBN1500W10RJN Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  DQBN1500W10RJN Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DQBN1500W10RJN Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DQBN1500W10RJN Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DQBN1500W10RJN Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DQBN1500W10RJN Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DQBN1500W10RJN Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DQBN1500W10RJN Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DQBN1500W10RJN Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DQBN1500W10RJN Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
01 of 09
Version 2010
Preview
Ribbon-Wound Power Resistor Construction:
● A tubular ceramic has two terminals, and is wound with a resistance element consisting of a
wave-shaped alloy ribbon.
● Terminal bands are spot welded after installation on the core and then a
resistance-alloy ribbon wire is crimped
and edgewound onto the core.
● Non-flammable resin insulation is applied
after cooling and drying through a
temperature process and then the
component mounts are attached.
● The resistance value range is relatively low
due to alloy material limitations; see the
DR series if upper resistance values required.
Features:
● Fixed, tapped styles, or adjustable type are available.
● Special terminals are available for unusual applications.
● Special tolerances, temperature coefficients, and resistance value can be specified.
● Ayrton Perry type non-inductive winding formats are available. See DQS Series when requied.
● Standard resistance tolerance is H(±3%), J(±5%) and K(±10%). Closer tolerances are available upon request.
● The wire is spot welded to the terminal bands and then “fastened” onto the core with a silicone, cement, or
vitreous enamel coating.
● Standard lug terminals available with or without terminal hardware. Single and double quick connect
terminals can be specified.
● DQ Series Design allows for efficient heat dissipation at higher temperature ranges so the resistor is
half the physical size of an equivalent rated roundwire resistor.
Applications:
● The Power Ribwound DQ Series is suitable for educational modeling applications, load testing, industrial
machinery, electric power distribution, instruments, automation control installations, lift trucks, overhead
cranes, elevators, arc and spot welders, battery chargers, machine tools, conveyors, and UPS systems.
Power Wave-Shape Ribwound Resistor supports the use of numerous taps, has low impedance, and can be
fabricated in various shapes to support a wide range of applications.
The DQ Series is RoHS compliant and lead free. For custom specifications, or order individual replacement
units, entire grids with various mounting configurations, please contact us to discuss the details.
DQ Tubular Wirewound Power Resistors
Wave-Shape Ribbon-Wound Design
Neutralize Inductance Parasitoid (DQ)
Wave-type Tubular
Wirewound
Power Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Description - DQBN1500W10RJN

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
KNPN-1001W0R1FTB TOKEN-KNPN-1001W0R1FTB Datasheet
419Kb / 3P
   KNPN Non-inductive Resistors
logo
List of Unclassifed Man...
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
TPL1200 ETC-TPL1200 Datasheet
2Mb / 1P
   Chassis mounting non-inductive high power resistors
logo
ABCO ELECTRONICS CO.LTD
WNP1W ABCO-WNP1W Datasheet
569Kb / 1P
   NON-INDUCTIVE WIRE WOUND RESISTORS
logo
Vishay Siliconix
MRA VISHAY-MRA Datasheet
82Kb / 3P
   Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
Revision: 02-May-12
logo
Token Electronics Indus...
RFM TOKEN-RFM Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
logo
Willow Technologies Ltd
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
logo
Willow Technologies Ltd
3R-100 WILLOW-3R-100 Datasheet
812Kb / 2P
   100Watt Mountable Non-Inductive,High Frequency Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com