Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E6.3-3C96 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # E6.3-3C96
Description  E cores and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E6.3-3C96 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  E6.3-3C96 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E6.3-3C96 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E6.3-3C96 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E6.3-3C96 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E6.3-3C96 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E6.3-3C96 Datasheet HTML 6Page - Ferroxcube International Holding B.V. E6.3-3C96 Datasheet HTML 7Page - Ferroxcube International Holding B.V. E6.3-3C96 Datasheet HTML 8Page - Ferroxcube International Holding B.V. E6.3-3C96 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2008 Sep 01
299
Ferroxcube
E cores and accessories
E6.3/2.9/2
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f= 100 kHz;
= 200 mT;
T = 100
°C
f= 400 kHz;
=50 mT;
T = 100
°C
3C96
≥340
≤ 0.003
≤ 0.02
≤ 0.008
3F3
≥300
≤ 0.007
−≤ 0.01
3F35
≥300
−−
≤ 0.004
3F4
≥250
−−
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T = 100
°C
f = 500 kHz;
=50 mT;
T=100
°C
f = 500 kHz;
=100 mT;
T = 100
°C
f= 1 MHz;
=30 mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T = 100
°C
3C96
≥340
≤ 0.015
−−
3F3
≥300
−−
3F35
≥300
≤ 0.005
≤ 0.045
−−
3F4
≥250
−−
≤ 0.012
≤ 0.019
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Description - E6.3-3C96

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com