Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHC10N51RF Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # AHC10N51RF
Description  AH Aluminum Housed Power Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

AHC10N51RF Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

  AHC10N51RF Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. AHC10N51RF Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. AHC10N51RF Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. AHC10N51RF Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. AHC10N51RF Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. AHC10N51RF Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. AHC10N51RF Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
07 of 07
Characteristics
Parameters
Test Conditions
Specifications
Short Time Over Load
5 × wattage rating-5sec.
Δ R±(2%+0.05Ω)Max.
Moistrue Resistance
temp 40°C moisture 95% DC 100V 100Hr
Δ R±(5%+0.05Ω)Max.
Load Life
Load Rating (chassis mounted)
25°C (1.5 Hour on 0.5 Hour OFF) Repeat 1000 Hours
Δ R±(5%+0.05Ω)Max.
Vibration
10~50~10Hz/Min -X- Y- Z Axis 2 Hours each.
Δ R±(0.2%+0.05Ω)Max.
Heat Resistance
275°C 2Hours
Δ R±(0.5%+0.05Ω)Max.
Dielectric Strength
AHS-5 AHS-10 AHS-25 1000V
AHS-50 1500V
AHS-100 AHS-250 2500V
Δ R±(0.5%+0.05Ω)Max.
AHC-5 AHC-10 AHC-25 1000V
AHC-50 1500V
AHC-100 AHC-250 2500V
Insulation Resistance
Under the same test condition of Dielectric Strength,
Load DC500V and measure the Insulation R.
100MΩMin.
Terminal Strength
(1)Pull Test (30 sec Min)
AH-5 1kg, AH-10 2.3kg, AH-25, AH-50 4.5kg
(2)Torque Test(5~15sec)
AH-100 27kg-cm, AH-250 36kg-cm
Δ R±(0.2%+0.05Ω) Max.
How to Order
AH
S
Part Number
Encapsulant: S: Silicon,
C: Cement
10
20Ω
Rated Power (W)
Resistance Value (Ω)
Code
Resistance Value
R51
0.51Ω
5R1
5.1Ω
51R
51Ω
510R
510Ω
5K1
5.1KΩ
D
Code
Rated Power
10
10W
10N
10W
250
250W
250N
250W
N
Non-Inductive
Resistance Tolerance (%)
Code
Resistance Tolerance
A5
±0.05%
B
±0.10%
C
±0.25%
D
±0.5%
F
±1%
J
±5%
K
±10%
AH Aluminum Housed Power Resistors
Back to 1st Page - Aluminum Housed Power Resistors (AH)
TOKEN
19 of 90
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - AHC10N51RF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AHC123A TI-AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
AHC125 TI-AHC125 Datasheet
940Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
AHC138 TI-AHC138 Datasheet
135Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
AHC139 TI-AHC139 Datasheet
756Kb / 17P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
AHC14 TI-AHC14 Datasheet
949Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - AHC10N51RF

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HR-10 RIEDON-HR-10 Datasheet
208Kb / 2P
   Aluminum Housed Power Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
logo
RCD COMPONENTS INC.
610-XR01 RCD-610-XR01 Datasheet
249Kb / 1P
   ALUMINUM HOUSED RESISTORS
logo
Riedon Powertron
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com