Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E14-3C94 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # E14-3C94
Description  Planar E cores and accessories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E14-3C94 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  E14-3C94 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E14-3C94 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E14-3C94 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E14-3C94 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E14-3C94 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E14-3C94 Datasheet HTML 6Page - Ferroxcube International Holding B.V. E14-3C94 Datasheet HTML 7Page - Ferroxcube International Holding B.V. E14-3C94 Datasheet HTML 8Page - Ferroxcube International Holding B.V. E14-3C94 Datasheet HTML 9Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2008 Sep 01
4
Ferroxcube
Planar E cores and accessories
E14/3.5/5
Core halves for use in combination with a plate (PLT)
AL measured in combination with a plate (PLT) clamping force for AL measurements, 10
±5 N, using a PCB coil
containing 4 layers of 8 tracks each, total height 1.6 mm.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
63
±3%
≈ 58
≈ 600
E14/3.5/5-3C90-A63-P
100
±5%
≈ 92
≈ 300
E14/3.5/5-3C90-A100-P
160
±8%
≈ 148
≈ 150
E14/3.5/5-3C90-A160-P
1500
±25%
≈ 1400
≈ 0
E14/3.5/5-3C90
3C92
1130
±25%
≈ 1040
≈ 0
E14/3.5/5-3C92
3C93
1300
±25%
≈ 1200
≈ 0
E14/3.5/5-3C93
3C94
63
±3%
≈ 58
≈ 600
E14/3.5/5-3C94-A63-P
100
±5%
≈ 92
≈ 300
E14/3.5/5-3C94-A100-P
160
±8%
≈ 148
≈ 150
E14/3.5/5-3C94-A160-P
1500
±25%
≈1400
≈ 0
E14/3.5/5-3C94
3C95
1740
±25%
≈ 1600
≈ 0
E14/3.5/5-3C95
3C96
1350
±25%
≈ 1260
≈ 0
E14/3.5/5-3C96
3F3
63
±3%
≈ 58
≈ 600
E14/3.5/5-3F3-A63-P
100
±5%
≈ 92
≈ 300
E14/3.5/5-3F3-A100-P
160
±8%
≈ 148
≈ 150
E14/3.5/5-3F3-A160-P
1300
±25%
≈ 1200
≈ 0
E14/3.5/5-3F3
3F35
1050
±25%
≈ 980
≈ 0
E14/3.5/5-3F35
3F4
63
±3%
≈ 58
≈ 600
E14/3.5/5-3F4-A63-P
100
±5%
≈ 92
≈ 300
E14/3.5/5-3F4-A100-P
160
±8%
≈ 148
≈ 150
E14/3.5/5-3F4-A160-P
780
±25%
≈ 720
≈ 0
E14/3.5/5-3F4
3F45
780
±25%
≈ 720
≈ 0
E14/3.5/5-3F45
3E6
6400
+40/−30%
≈ 5900
≈ 0
E14/3.5/5-3E6


Similar Part No. - E14-3C94

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E14-3.5-5 FERYSTER-E14-3.5-5 Datasheet
63Kb / 10P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
logo
DB Lectro Inc
E14-37-F-N-A-A-1 DBLECTRO-E14-37-F-N-A-A-1 Datasheet
312Kb / 2P
   D-SUM CRIMP HOUSING
E14-37-F-N-B-A-1 DBLECTRO-E14-37-F-N-B-A-1 Datasheet
312Kb / 2P
   D-SUM CRIMP HOUSING
E14-37-F-N-C-A-1 DBLECTRO-E14-37-F-N-C-A-1 Datasheet
312Kb / 2P
   D-SUM CRIMP HOUSING
More results

Similar Description - E14-3C94

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
E38-3C90-E250-E FERROXCUBE-E38-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E43-3C90-E250-E FERROXCUBE-E43-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
logo
FERYSTER Inductive Comp...
E38-8-25 FERYSTER-E38-8-25 Datasheet
38Kb / 6P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
E43-10-28 FERYSTER-E43-10-28 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
CLM-E14 FERROXCUBE-CLM-E14 Datasheet
29Kb / 1P
   Planar E cores and accessories
CLM-E18 FERROXCUBE-CLM-E18 Datasheet
29Kb / 1P
   Planar E cores and accessories
E64-3C90-E630-E FERROXCUBE-E64-3C90-E630-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E22-3C90-A160-E FERROXCUBE-E22-3C90-A160-E Datasheet
67Kb / 7P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com