Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C512PMB-20 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X28C512PMB-20
Description  5 Volt, Byte Alterable E2PROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C512PMB-20 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X28C512PMB-20 Datasheet HTML 5Page - Xicor Inc. X28C512PMB-20 Datasheet HTML 6Page - Xicor Inc. X28C512PMB-20 Datasheet HTML 7Page - Xicor Inc. X28C512PMB-20 Datasheet HTML 8Page - Xicor Inc. X28C512PMB-20 Datasheet HTML 9Page - Xicor Inc. X28C512PMB-20 Datasheet HTML 10Page - Xicor Inc. X28C512PMB-20 Datasheet HTML 11Page - Xicor Inc. X28C512PMB-20 Datasheet HTML 12Page - Xicor Inc. X28C512PMB-20 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
X28C512/X28C513
9
SYSTEM CONSIDERATIONS
Because the X28C512/513 is frequently used in large
memory arrays it is provided with a two line control
architecture for both read and write operations. Proper
usage can provide the lowest possible power dissipation
and eliminate the possibility of contention where mul-
tiple I/O pins share the same bus.
To gain the most benefit it is recommended that
CE be
decoded from the address bus and be used as the
primary device selection input. Both
OE and WE would
then be common among all devices in the array. For a
read operation this assures that all deselected devices
are in their standby mode and that only the selected
device(s) is outputting data on the bus.
Because the X28C512/513 has two power modes,
standby and active, proper decoupling of the memory
array is of prime concern. Enabling
CE will cause
transient current spikes. The magnitude of these spikes
is dependent on the output capacitive loading of the I/
Os. Therefore, the larger the array sharing a common
bus, the larger the transient spikes. The voltage peaks
associated with the current transients can be sup-
pressed by the proper selection and placement of
decoupling capacitors. As a minimum, it is recom-
mended that a 0.1
µF high frequency ceramic capacitor
be used between VCC and VSS at each device. Depend-
ing on the size of the array, the value of the capacitor
may have to be larger.
In addition, it is recommended that a 4.7
µF electrolytic
bulk capacitor be placed between VCC and VSS for each
eight devices employed in the array. This bulk capacitor
is employed to overcome the voltage droop caused by
the inductive effects of the PC board traces.
Active Supply Current vs. Ambient Temperature
ICC (RD) by Temperature over Frequency
Standby Supply Current vs. Ambient Temperature
–55
–10
+125
0.14
0.16
0.18
0.2
0.24
AMBIENT TEMPERATURE (
°C)
3856 ILL F26
0.1
+35
+80
0.22
VCC = 5V
0.12
–55
–10
+125
10
11
12
13
14
AMBIENT TEMPERATURE (
°C)
3856 ILL F24
8
+35
+80
VCC = 5V
9
0
315
30
40
50
60
5.0 VCC
FREQUENCY (MHz)
3856 ILL F25
10
69
–55°C
+25°C
+125°C
12
20
70


Similar Part No. - X28C512PMB-20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C512P INTERSIL-X28C512P Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28C512P-12 INTERSIL-X28C512P-12 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28C512P-15 INTERSIL-X28C512P-15 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28C512PI INTERSIL-X28C512PI Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28C512PI-12 INTERSIL-X28C512PI-12 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C512PMB-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com