Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC64SMB-12 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X28HC64SMB-12
Description  5 Volt, Byte Alterable E2PROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HC64SMB-12 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X28HC64SMB-12 Datasheet HTML 3Page - Xicor Inc. X28HC64SMB-12 Datasheet HTML 4Page - Xicor Inc. X28HC64SMB-12 Datasheet HTML 5Page - Xicor Inc. X28HC64SMB-12 Datasheet HTML 6Page - Xicor Inc. X28HC64SMB-12 Datasheet HTML 7Page - Xicor Inc. X28HC64SMB-12 Datasheet HTML 8Page - Xicor Inc. X28HC64SMB-12 Datasheet HTML 9Page - Xicor Inc. X28HC64SMB-12 Datasheet HTML 10Page - Xicor Inc. X28HC64SMB-12 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
X28HC64
7
SOFTWARE DATA PROTECTION
Figure 6. Timing Sequence—Byte or Page Write
3857 FHD F16
Figure 7. Write Sequence for
Software Data Protection
Regardless of whether the device has previously been
protected or not, once the software data protection
algorithm is used, the X28HC64 will automatically dis-
able further writes unless another command is issued to
deactivate it. If no further commands are issued the
X28HC64 will be write protected during power-down
and after any subsequent power-up.
Note:
Once initiated, the sequence of write operations
should not be interrupted.
3857 FHD F17
CE
WE
(VCC)
WRITE
PROTECTED
VCC
0V
DATA
ADDR
AA
1555
55
0AAA
A0
1555
≤t
BLC MAX
WRITES
OK
BYTE
OR
PAGE
tWC
WRITE LAST
BYTE TO
LAST ADDRESS
WRITE DATA 55
TO ADDRESS
0AAA
WRITE DATA A0
TO ADDRESS
1555
WRITE DATA XX
TO ANY
ADDRESS
AFTER tWC
RE-ENTERS DATA
PROTECTED STATE
WRITE DATA AA
TO ADDRESS
1555
BYTE/PAGE
LOAD ENABLED
OPTIONAL BYTE
OR PAGE WRITE
ALLOWED


Similar Part No. - X28HC64SMB-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC64SMB-12 INTERSIL-X28HC64SMB-12 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64SMB-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com