Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-3C90-A315 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # E32-3C90-A315
Description  E cores and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E32-3C90-A315 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  E32-3C90-A315 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E32-3C90-A315 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E32-3C90-A315 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E32-3C90-A315 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E32-3C90-A315 Datasheet HTML 5Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2008 Sep 01
399
Ferroxcube
E cores and accessories
E32/16/9
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.894
mm−1
Ve
effective volume
6180
mm3
Ie
effective length
74
mm
Ae
effective area
83
mm2
Amin
minimum area
83
mm2
m
mass of core half
≈ 16
g
handbook, halfpage
CBW039
R2.5
22.7 +
1.2
0
11.2 +
0.6
0
32 +
0.9
−0.7
9.5
0
−0.6
16.4
0
−0.4
9.5
0
−0.7
Fig.1 E32/16/9 core half.
Dimensions in mm.
Core halves
AL measured in combination with a non-gapped core half, clamping force for AL measurements 40
±20 N, unless stated
otherwise.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C90
100
±5%(1)
≈ 71
≈ 1600
E32/16/9-3C90-E100
160
±5%(1)
≈ 114
≈ 860
E32/16/9-3C90-E160
250
±5%
≈ 177
≈ 480
E32/16/9-3C90-A250
315
±5%
≈ 223
≈ 360
E32/16/9-3C90-A315
400
±8%
≈ 284
≈ 260
E32/16/9-3C90-A400
630
±15%
≈ 447
≈ 150
E32/16/9-3C90-A630
2500
±25%
≈ 1770
≈ 0
E32/16/9-3C90
3C92
1850
±25%
≈ 1320
≈ 0
E32/16/9-3C92
3C94
2500
±25%
≈ 1770
≈ 0
E32/16/9-3C94
3C96
2300
±25%
≈ 1630
≈ 0
E32/16/9-3C96


Similar Part No. - E32-3C90-A315

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E32-3C90-A315-E FERROXCUBE-E32-3C90-A315-E Datasheet
57Kb / 6P
   Planar E cores and accessories
E32-3C90-A315-P FERROXCUBE-E32-3C90-A315-P Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C90-A315-P FERROXCUBE-E32-3C90-A315-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
More results

Similar Description - E32-3C90-A315

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com