Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E7-3C90 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # E7-3C90
Description  E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E7-3C90 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  E7-3C90 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E7-3C90 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E7-3C90 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E7-3C90 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E7-3C90 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E7-3C90 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008 Sep 01
321
Ferroxcube
E cores and accessories
E13/7/4
(EF12.6)
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
2.39
mm−1
Ve
effective volume
369
mm3
Ie
effective length
29.7
mm
Ae
effective area
12.4
mm2
Amin
minimum area
12.2
mm2
m
mass of core half
≈ 0.9
g
handbook, halfpage
CBW007
12.6 +
0.5
−0.4
8.9 +
0.6
0
4.5 +
0.3
0
6.5
0
−0.2
3.7
0
−0.3
3.7
0
−0.3
Fig.1 E13/7/4 core half.
Dimensions in mm.
Core halves
AL measured in combination with a non-gapped core half, clamping force for AL measurements, 15
±5N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
63
±5%
≈ 120
≈ 320
E13/7/4-3C90-A63
100
±8%
≈ 190
≈ 175
E13/7/4-3C90-A100
160
±8%
≈ 305
≈ 100
E13/7/4-3C90-A160
250
±15%
≈ 480
≈ 55
E13/7/4-3C90-A250
315
±15%
≈ 600
≈ 40
E13/7/4-3C90-A315
800
±25%
≈1525
≈ 0
E13/7/4-3C90
3C92
630
±25%
≈ 1200
≈ 0
E13/7/4-3C92
3C94
800
±25%
≈ 1525
≈ 0
E13/7/4-3C94
3C96
700
±25%
≈ 1330
≈ 0
E13/7/4-3C96
3F3
63
±5%
≈ 120
≈ 320
E13/7/4-3F3-A63
100
±8%
≈ 190
≈ 175
E13/7/4-3F3-A100
160
±8%
≈ 305
≈ 100
E13/7/4-3F3-A160
250
±15%
≈ 480
≈ 55
E13/7/4-3F3-A250
315
±15%
≈ 600
≈ 40
E13/7/4-3F3-A315
700
±25%
≈ 1330
≈ 0
E13/7/4-3F3
3F35
560
±25%
≈ 1070
≈ 0
E13/7/4-3F35


Similar Part No. - E7-3C90

ManufacturerPart #DatasheetDescription
logo
NEC
E7-4807 NEC-E7-4807 Datasheet
108Kb / 2P
   Scalable HA Server Series
E7-4820 NEC-E7-4820 Datasheet
108Kb / 2P
   Scalable HA Server Series
E7-8830 NEC-E7-8830 Datasheet
108Kb / 2P
   Scalable HA Server Series
E7-8850 NEC-E7-8850 Datasheet
108Kb / 2P
   Scalable HA Server Series
E7-8870 NEC-E7-8870 Datasheet
108Kb / 2P
   Scalable HA Server Series
More results

Similar Description - E7-3C90

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com