Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E19-3C96 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # E19-3C96
Description  E cores and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E19-3C96 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  E19-3C96 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E19-3C96 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E19-3C96 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E19-3C96 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E19-3C96 Datasheet HTML 5Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2008 Sep 01
343
Ferroxcube
E cores and accessories
E19/8/9
(813E343)
Note
1.
Measured in combination with an equal gapped core half, clamping force for AL measurements, 20
±10 N.
Core halves of high permeability grades
Clamping force for AL measurements, 20
±10 N.
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
Note
1.
Measured at 60
°C.
3F3
63
±5%(1)
≈ 48
≈ 1300
E19/8/9-3F3-E63
100
±8%(1)
≈ 77
≈ 700
E19/8/9-3F3-E100
160
±8%
≈123
≈ 380
E19/8/9-3F3-A250
250
±15%
≈ 192
≈ 220
E19/8/9-3F3-A315
315
±15%
≈ 240
≈170
E19/8/9-3F3-A400
1830
±25%
≈ 1410
≈ 0
E19/8/9-3F3
3F35
1490
±25%
≈ 1150
≈ 0
E19/8/9-3F35
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3E27
4250
±25%
≈ 3270
≈ 0
E19/8/9-3E27
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f= 25 kHz;
= 200 mT;
T=100
°C
f = 100 kHz;
=100 mT;
T = 100
°C
f = 100 kHz;
= 200 mT;
T = 100
°C
f = 400 kHz;
=50mT;
T = 100
°C
3C81
≥320
≤ 0.4
−−
3C90
≥320
≤ 0.17
≤ 0.18
−−
3C91
≥320
−≤ 0.11(1)
≤ 0.68(1)
3C92
≥370
−≤ 0.14
≤ 0.85
3C94
≥320
−≤ 0.14
≤ 0.85
3C96
≥340
−≤ 0.11
≤ 0.68
3F3
≥320
−≤ 0.18
−≤ 0.31
3F35
≥300
−−
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f= 500 kHz;
=50 mT;
T=100
°C
f = 500 kHz;
=100 mT;
T = 100
°C
f= 1 MHz;
=30 mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T=100
°C
3C96
≥340
≤ 0.6
−−
3F3
≥315
−−
3F35
≥300
≤ 0.22
≤ 1.7
−−
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - E19-3C96

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E19-3C96 FERROXCUBE-E19-3C96 Datasheet
62Kb / 6P
   E cores and accessories
More results

Similar Description - E19-3C96

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com