Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-3C93 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # E32-3C93
Description  Planar E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E32-3C93 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  E32-3C93 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E32-3C93 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E32-3C93 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E32-3C93 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E32-3C93 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E32-3C93 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
4
Ferroxcube
Planar E cores and accessories
E32/6/20
Core halves for use in combination with a plate (PLT)
AL measured in combination with a plate (PLT), clamping force for AL measurements, 30
±10 N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
160
±3%
≈ 35
≈ 1200
E32/6/20-3C90-A160-P
250
±3%
≈ 55
≈ 700
E32/6/20-3C90-A250-P
315
±3%
≈ 69
≈ 550
E32/6/20-3C90-A315-P
400
±5%
≈ 87
≈ 450
E32/6/20-3C90-A400-P
630
±8%
≈ 138
≈ 260
E32/6/20-3C90-A630-P
7350
±25%
≈ 1610
≈ 0
E32/6/20-3C90
3C92
5760
±25%
≈ 1270
≈ 0
E32/6/20-3C92
3C93
6780
±25%
≈ 1500
≈ 0
E32/6/20-3C93
3C94
160
±3%
≈ 35
≈ 1200
E32/6/20-3C94-A160-P
250
±3%
≈ 55
≈ 700
E32/6/20-3C94-A250-P
315
±3%
≈ 69
≈ 550
E32/6/20-3C94-A315-P
400
±5%
≈ 87
≈ 450
E32/6/20-3C94-A400-P
630
±8%
≈ 138
≈ 260
E32/6/20-3C94-A630-P
7350
±25%
≈ 1610
≈ 0
E32/6/20-3C94
3C95
8750
±25%
≈ 1880
≈ 0
E32/6/20-3C95
3C96
7350
±25%
≈ 1610
≈ 0
E32/6/20-3C96
3F3
160
±3%
≈ 35
≈ 1200
E32/6/20-3F3-A160-P
250
±3%
≈ 55
≈ 700
E32/6/20-3F3-A250-P
315
±3%
≈ 69
≈ 550
E32/6/20-3F3-A315-P
400
±5%
≈ 87
≈ 450
E32/6/20-3F3-A400-P
630
±8%
≈ 138
≈ 260
E32/6/20-3F3-A630-P
6780
±25%
≈ 1490
≈ 0
E32/6/20-3F3
3F4
160
±3%
≈ 35
≈ 1200
E32/6/20-3F4-A160-P
250
±3%
≈ 55
≈ 700
E32/6/20-3F4-A250-P
315
±3%
≈ 69
≈ 550
E32/6/20-3F4-A315-P
400
±5%
≈ 87
≈ 450
E32/6/20-3F4-A400-P
630
±8%
≈ 138
≈ 260
E32/6/20-3F4-A630-P
3700
±25%
≈ 810
≈ 0
E32/6/20-3F4


Similar Part No. - E32-3C93

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E32-3C93 FERROXCUBE-E32-3C93 Datasheet
52Kb / 5P
   Planar E cores and accessories
E32-3C93-A160-P FERROXCUBE-E32-3C93-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
E32-3C93-A250-P FERROXCUBE-E32-3C93-A250-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
E32-3C93-A315-P FERROXCUBE-E32-3C93-A315-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
E32-3C93-A400-P FERROXCUBE-E32-3C93-A400-P Datasheet
52Kb / 5P
   Planar E cores and accessories
2008 Sep 01
More results

Similar Description - E32-3C93

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
E38-3C90-E250-E FERROXCUBE-E38-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E43-3C90-E250-E FERROXCUBE-E43-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
logo
FERYSTER Inductive Comp...
E38-8-25 FERYSTER-E38-8-25 Datasheet
38Kb / 6P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
E43-10-28 FERYSTER-E43-10-28 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
CLM-E14 FERROXCUBE-CLM-E14 Datasheet
29Kb / 1P
   Planar E cores and accessories
CLM-E18 FERROXCUBE-CLM-E18 Datasheet
29Kb / 1P
   Planar E cores and accessories
E64-3C90-E630-E FERROXCUBE-E64-3C90-E630-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E22-3C90-A160-E FERROXCUBE-E22-3C90-A160-E Datasheet
67Kb / 7P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com