Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E25-3F3-A100 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # E25-3F3-A100
Description  E cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E25-3F3-A100 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  E25-3F3-A100 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E25-3F3-A100 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E25-3F3-A100 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E25-3F3-A100 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E25-3F3-A100 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E25-3F3-A100 Datasheet HTML 6Page - Ferroxcube International Holding B.V. E25-3F3-A100 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2008 Sep 01
373
Ferroxcube
E cores and accessories
E25/10/6
General data for 10-pins E25/10/6 coil former
Winding data and area product for 10-pins E25/10/6 coil former
PARAMETER
SPECIFICATION
Coil former material
polyamide (PA), glass reinforced, flame retardant in accordance with
“UL 94-HB”; UL file number E41938(M)
Pin material
copper-zinc alloy (CuZn), tin (Sn) plated
Maximum operating temperature
130
°C, “IEC 60085”, class B
Resistance to soldering heat
“IEC 60068-2-20”, Part 2, Test Tb, method 1B: 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1: 235
°C, 2 s
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
47.4
10.1
53.1
1870
CPH-E25/10/6-1S-10P-Z
handbook, full pagewidth
CBW025
4.05
min.
15.6
6.6 min.
18.7 max.
26.3 max.
12.35 max.
10.1
21.1 max.
3.8
(1)
5.1
1.0
20.4
max.
0.65
8.65
8.8
6.5
min.
(1) one place only
Fig.3 E25/10/6 coil former; 10-pins.
Dimensions in mm.


Similar Part No. - E25-3F3-A100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E25-3F3-A100 FERROXCUBE-E25-3F3-A100 Datasheet
48Kb / 4P
   E cores and accessories
More results

Similar Description - E25-3F3-A100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com