Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E65-3C90-E100 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # E65-3C90-E100
Description  E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E65-3C90-E100 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  E65-3C90-E100 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E65-3C90-E100 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E65-3C90-E100 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E65-3C90-E100 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E65-3C90-E100 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E65-3C90-E100 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
4
Ferroxcube
E cores and accessories
E65/32/27
COIL FORMER
General data for E65/32/27 coil former without pins
Winding data and area product for E65/32/27 coil former without pins (E)
PARAMETER
SPECIFICATION
Coil former material
polyethylene terephtalate (PET), glass reinforced, flame retardant in accordance
with “UL 94V-0” ; UL file number E107536
Maximum operating temperature
130
°C, “IEC 60085”, class B
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
394
39.2
150
213000
CP-E65-1S-T
handbook, full pagewidth
CBW074
23.5
±0.2
1.2
±0.1
5
±0.1
23
±0.1
42
±0.2
39.2 min.
46
±0.2
3
±0.1
(6
×)
2
±0.1
27.7 +
0.2
0
20.6 +
0.2
0
30
0
−0.2
53
0
−0.3
44
0
−0.3
Fig.2 E65/32/27 coil former.
Dimensions in mm.


Similar Part No. - E65-3C90-E100

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E65-27-KH FERYSTER-E65-27-KH Datasheet
48Kb / 1P
   PHOSPHOR BRONZE
E65-54-K-H-FERYSTER FERYSTER-E65-54-K-H-FERYSTER Datasheet
223Kb / 1P
   FERYSTER 짰 TRANSFORMERS
E65-54-KH-AB FERYSTER-E65-54-KH-AB Datasheet
88Kb / 1P
   PHOSPHOR BRONZE
E65-81-K-H-FERYSTER FERYSTER-E65-81-K-H-FERYSTER Datasheet
237Kb / 1P
   FERYSTER 짰 TRANSFORMERS
E65-K-H-16P FERYSTER-E65-K-H-16P Datasheet
112Kb / 1P
   FERYSTER 짰 TRANSFORMERS
More results

Similar Description - E65-3C90-E100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com