Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E55-3C91 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # E55-3C91
Description  E cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E55-3C91 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  E55-3C91 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E55-3C91 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E55-3C91 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E55-3C91 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E55-3C91 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E55-3C91 Datasheet HTML 6Page - Ferroxcube International Holding B.V. E55-3C91 Datasheet HTML 7Page - Ferroxcube International Holding B.V. E55-3C91 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2008 Sep 01
436
Ferroxcube
E cores and accessories
E55/28/21
Note
1.
Measured in combination with an equal gapped core half.
Properties of core sets under power conditions
Note
1.
Measured at 60
°C.
3C95
8625
±25%
≈ 2410
≈ 0
E55/28/21-3C95
3F3
100
±5%(1)
≈ 28
≈ 8740
E55/28/21-3F3-E100
160
±5%(1)
≈ 45
≈ 4560
E55/28/21-3F3-E160
250
±5%(1)
≈ 70
≈ 2500
E55/28/21-3F3-E250
315
±5%(1)
≈ 88
≈ 1840
E55/28/21-3F3-E315
400
±8%(1)
≈ 112
≈ 1360
E55/28/21-3F3-E400
630
±10%(1)
≈ 176
≈ 780
E55/28/21-3F3-E630
5700
±25%
≈1590
≈ 0
E55/28/21-3F3
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f= 100 kHz;
= 100 mT;
T = 100
°C
f = 100 kHz;
=200 mT;
T=25
°C
f = 100 kHz;
= 200 mT;
T=100
°C
f = 400 kHz;
=50mT;
T = 100
°C
3C81
≥320
≤ 9.0
−−
3C90
≥320
≤ 4.8
≤ 5.9
−−
3C91
≥320
−≤ 3.5(1)
−≤ 20(1)
3C92
≥370
−≤ 3.8
−≤ 27
3C94
≥320
−≤ 3.8
−≤ 27
3C95
≥320
−−
≤ 27.7
≤ 26.4
3F3
≥320
−≤ 5.6
−−
≤ 10
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - E55-3C91

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E55-3C90 FERROXCUBE-E55-3C90 Datasheet
45Kb / 4P
   E cores and accessories
E55-3C90-E100 FERROXCUBE-E55-3C90-E100 Datasheet
45Kb / 4P
   E cores and accessories
E55-3C90-E160 FERROXCUBE-E55-3C90-E160 Datasheet
45Kb / 4P
   E cores and accessories
E55-3C90-E250 FERROXCUBE-E55-3C90-E250 Datasheet
45Kb / 4P
   E cores and accessories
E55-3C90-E315 FERROXCUBE-E55-3C90-E315 Datasheet
45Kb / 4P
   E cores and accessories
More results

Similar Description - E55-3C91

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com