Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCALSTB0510101K Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TCALSTB0510101K
Description  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALSTB0510101K Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

Back Button TCALSTB0510101K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCALSTB0510101K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALSTB0510101K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALSTB0510101K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALSTB0510101K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALSTB0510101K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALSTB0510101K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALSTB0510101K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCALSTB0510101K Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Part Number: TCAL
How to Order
N
TCAL
TR
Code
Form
N
Normal Form
S
Short Form
F
F Forming
U
U Forming
P
Pana Forming without
coating of lead wire
PC
Pana Forming with
coating of lead wire
Form
Package
Code
Package
P
Bulk
TR
Taping Reel
TB
Taping Box
0204
Size
R10
M
Code
Size
0204
2.8×5.0mm
0307
3.0×7.0mm
0410
4.0×10.0mm
0510
5.0×10.0mm
Inductance
Code
Inductance
R10
0.10µH
1R0
1.00µH
100
10.00µH
101
100.00µH
102
1000.00µH
Tolerance
Code
Tolerance
J
5%
K
10%
M
20%
TCAL Through Hole Fixed Inductors
TOKEN
06 of 11
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TCALSTB0510101K

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Similar Description - TCALSTB0510101K

ManufacturerPart #DatasheetDescription
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com