Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E64-3F3-E630-E Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # E64-3F3-E630-E
Description  Planar E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E64-3F3-E630-E Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  E64-3F3-E630-E Datasheet HTML 1Page - Ferroxcube International Holding B.V. E64-3F3-E630-E Datasheet HTML 2Page - Ferroxcube International Holding B.V. E64-3F3-E630-E Datasheet HTML 3Page - Ferroxcube International Holding B.V. E64-3F3-E630-E Datasheet HTML 4Page - Ferroxcube International Holding B.V. E64-3F3-E630-E Datasheet HTML 5Page - Ferroxcube International Holding B.V. E64-3F3-E630-E Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
4
Ferroxcube
Planar E cores and accessories
E64/10/50
Core halves for use in combination with a plate (PLT)
AL measured in combination with a plate (PLT), clamping force for AL measurements, 100
±30 N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
630
±3%
≈ 78
≈ 1100
E64/10/50-3C90-A630-P
1000
±3%
≈ 124
≈ 660
E64/10/50-3C90-A1000-P
1600
±5%
≈ 199
≈ 385
E64/10/50-3C90-A1600-P
2500
±10%
≈ 310
≈ 225
E64/10/50-3C90-A2500-P
3150
±10%
≈ 391
≈ 170
E64/10/50-3C90-A3150-P
16540
±25%
≈ 1790
≈ 0
E64/10/50-3C90
3C92
12700
±25%
≈ 1370
≈ 0
E64/10/50-3C92
3C93
15050
±25%
≈ 1630
≈ 0
E64/10/50-3C93
3C94
630
±3%
≈ 78
≈ 1100
E64/10/50-3C94-A630-P
1000
±3%
≈ 124
≈ 660
E64/10/50-3C94-A1000-P
1600
±5%
≈ 199
≈ 385
E64/10/50-3C94-A1600-P
2500
±10%
≈ 310
≈ 225
E64/10/50-3C94-A2500-P
3150
±10%
≈ 391
≈ 170
E64/10/50-3C94-A3150-P
16540
±25%
≈ 1790
≈ 0
E64/10/50-3C94
3C95
20150
±25%
≈ 2150
≈ 0
E64/10/50-3C95
3F3
630
±3%
≈ 78
≈ 1100
E64/10/50-3F3-A630-P
1000
±3%
≈ 124
≈ 660
E64/10/50-3F3-A1000-P
1600
±5%
≈ 199
≈ 385
E64/10/50-3F3-A1600-P
2500
±10%
≈ 310
≈ 225
E64/10/50-3F3-A2500-P
3150
±10%
≈ 391
≈ 170
E64/10/50-3F3-A3150-P
15050
±25%
≈ 1630
≈ 0
E64/10/50-3F3
3F4
630
±3%
≈ 78
≈ 1100
E64/10/50-3F4-A630-P
1000
±3%
≈ 124
≈ 660
E64/10/50-3F4-A1000-P
1600
±5%
≈ 199
≈ 385
E64/10/50-3F4-A1600-P
2500
±10%
≈ 310
≈ 225
E64/10/50-3F4-A2500-P
3150
±10%
≈ 391
≈ 170
E64/10/50-3F4-A3150-P
7920
±25%
≈ 860
≈ 0
E64/10/50-3F4


Similar Part No. - E64-3F3-E630-E

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
More results

Similar Description - E64-3F3-E630-E

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
E64-10-50 FERYSTER-E64-10-50 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
E38-3C90-E250-E FERROXCUBE-E38-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
E43-3C90-E250-E FERROXCUBE-E43-3C90-E250-E Datasheet
56Kb / 6P
   Planar E cores and accessories
logo
FERYSTER Inductive Comp...
E38-8-25 FERYSTER-E38-8-25 Datasheet
38Kb / 6P
   Planar E cores and accessories
E14-3.5-5-R FERYSTER-E14-3.5-5-R Datasheet
44Kb / 6P
   Planar E cores and accessories
E43-10-28 FERYSTER-E43-10-28 Datasheet
38Kb / 6P
   Planar E cores and accessories
logo
Ferroxcube Internationa...
CLM-E14 FERROXCUBE-CLM-E14 Datasheet
29Kb / 1P
   Planar E cores and accessories
CLM-E18 FERROXCUBE-CLM-E18 Datasheet
29Kb / 1P
   Planar E cores and accessories
E22-3C90-A160-E FERROXCUBE-E22-3C90-A160-E Datasheet
67Kb / 7P
   Planar E cores and accessories
E32-3C90-A160-P FERROXCUBE-E32-3C90-A160-P Datasheet
52Kb / 5P
   Planar E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com