Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFD15-3C94-A160-S Datasheet(PDF) 8 Page - Ferroxcube International Holding B.V.

Part # EFD15-3C94-A160-S
Description  EFD cores and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EFD15-3C94-A160-S Datasheet(HTML) 8 Page - Ferroxcube International Holding B.V.

  EFD15-3C94-A160-S Datasheet HTML 1Page - Ferroxcube International Holding B.V. EFD15-3C94-A160-S Datasheet HTML 2Page - Ferroxcube International Holding B.V. EFD15-3C94-A160-S Datasheet HTML 3Page - Ferroxcube International Holding B.V. EFD15-3C94-A160-S Datasheet HTML 4Page - Ferroxcube International Holding B.V. EFD15-3C94-A160-S Datasheet HTML 5Page - Ferroxcube International Holding B.V. EFD15-3C94-A160-S Datasheet HTML 6Page - Ferroxcube International Holding B.V. EFD15-3C94-A160-S Datasheet HTML 7Page - Ferroxcube International Holding B.V. EFD15-3C94-A160-S Datasheet HTML 8Page - Ferroxcube International Holding B.V. EFD15-3C94-A160-S Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2008 Sep 01
8
Ferroxcube
EFD cores and accessories
EFD15/8/5
MOUNTING PARTS
General data
ITEM
REMARKS
FIGURE
TYPE NUMBER
Clamp
stainless steel (CrNi); clamping force
≈25 N
6
CLM-EFD15
Clip
stainless steel (CrNi); clamping force
≈12.5 N
7
CLI-EFD15
handbook, full pagewidth
13.5
16.5
−0.3
14.3
− 0.2
12
15
±0.2
12.5
7
+ 0.5
4
CBW497
Fig.6 Clamp: CLM-EFD15.
Dimensions in mm.
handbook, halfpage
MGC354
2.6
5
4.5
13.3
19
Fig.7 Clip: CLI-EFD15.
Dimensions in mm.


Similar Part No. - EFD15-3C94-A160-S

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EFD15-K-10P-4S FERYSTER-EFD15-K-10P-4S Datasheet
101Kb / 1P
   PHOSPHOR BRONZE
EFD15-K-10P-4S-SMD FERYSTER-EFD15-K-10P-4S-SMD Datasheet
89Kb / 1P
   PHOSPHOR BRONZE
EFD15-K-10P-SMD FERYSTER-EFD15-K-10P-SMD Datasheet
82Kb / 1P
   LCP E4008
EFD15-K-8P-P1505 FERYSTER-EFD15-K-8P-P1505 Datasheet
90Kb / 1P
   PHENOLIC PM9630
EFD15-K-8P-SMD FERYSTER-EFD15-K-8P-SMD Datasheet
77Kb / 1P
   PHENOLIC PM9630
More results

Similar Description - EFD15-3C94-A160-S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-EFD12-1S-8P-Z FERROXCUBE-CPH-EFD12-1S-8P-Z Datasheet
9Kb / 1P
   EFD cores and accessories
EFD10 FERROXCUBE-EFD10 Datasheet
62Kb / 6P
   EFD cores and accessories
EFD15 FERROXCUBE-EFD15_1 Datasheet
32Kb / 1P
   EFD cores and accessories
CPHS-EFD15-1S-10P FERROXCUBE-CPHS-EFD15-1S-10P Datasheet
9Kb / 1P
   EFD cores and accessories
CSH-EFD25-1S-10P-IZ FERROXCUBE-CSH-EFD25-1S-10P-IZ Datasheet
9Kb / 1P
   EFD cores and accessories
EFD12 FERROXCUBE-EFD12_1 Datasheet
25Kb / 1P
   EFD cores and accessories
CSHS-EFD20-1S-10PL FERROXCUBE-CSHS-EFD20-1S-10PL Datasheet
81Kb / 1P
   EFD cores and accessories
CSH-EFD20-1S-8P-IZ FERROXCUBE-CSH-EFD20-1S-8P-IZ Datasheet
9Kb / 1P
   EFD cores and accessories
EFD20 FERROXCUBE-EFD20_1 Datasheet
33Kb / 1P
   EFD cores and accessories
logo
NXP Semiconductors
EFD25 PHILIPS-EFD25 Datasheet
64Kb / 6P
   EFD cores and accessories
1997 Nov 21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com