Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E16-3C91 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # E16-3C91
Description  E cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

E16-3C91 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  E16-3C91 Datasheet HTML 1Page - Ferroxcube International Holding B.V. E16-3C91 Datasheet HTML 2Page - Ferroxcube International Holding B.V. E16-3C91 Datasheet HTML 3Page - Ferroxcube International Holding B.V. E16-3C91 Datasheet HTML 4Page - Ferroxcube International Holding B.V. E16-3C91 Datasheet HTML 5Page - Ferroxcube International Holding B.V. E16-3C91 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
427
Ferroxcube
E cores and accessories
E47/20/16
COIL FORMERS
General data for E47/20/16 coil former without pins
Winding data and area product for E47/20/16 coil former without pins
PARAMETER
SPECIFICATION
Coil former material
polyamide (PA6.6), glass reinforced, flame retardant in accordance with
“UL 94V-2”; UL file number E41938(M)
Maximum operating temperature
130
°C, “IEC 60085”, class B
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
130
21.6
93.3
30400
CP-E47/20/16-1S
handbook, full pagewidth
CBW060
16.35
min.
31.75
max.
21.6
23.5 max.
18.3
Fig.2 E47/20/16 coil former.
Dimensions in mm.


Similar Part No. - E16-3C91

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
E16-3C90 FERROXCUBE-E16-3C90 Datasheet
43Kb / 3P
   E cores and accessories
E16-3C90 FERROXCUBE-E16-3C90 Datasheet
67Kb / 6P
   E cores and accessories
E16-3C90 FERROXCUBE-E16-3C90 Datasheet
46Kb / 3P
   EI cores
E16-3C90-A100 FERROXCUBE-E16-3C90-A100 Datasheet
67Kb / 6P
   E cores and accessories
E16-3C90-A160 FERROXCUBE-E16-3C90-A160 Datasheet
67Kb / 6P
   E cores and accessories
More results

Similar Description - E16-3C91

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
CPH-E13-1S-6P FERROXCUBE-CPH-E13-1S-6P Datasheet
55Kb / 1P
   E cores and accessories
CPH-E19-2S-4P-C FERROXCUBE-CPH-E19-2S-4P-C Datasheet
9Kb / 1P
   E cores and accessories
CSH-E13-1S-7P-C FERROXCUBE-CSH-E13-1S-7P-C Datasheet
41Kb / 1P
   E cores and accessories
CLM-E25 FERROXCUBE-CLM-E25 Datasheet
27Kb / 1P
   E cores and accessories
CSV-E25-1S-6P-C FERROXCUBE-CSV-E25-1S-6P-C Datasheet
9Kb / 1P
   E cores and accessories
E6.3-3C96 FERROXCUBE-E6.3-3C96 Datasheet
79Kb / 9P
   E cores and accessories
E6-3C90-A63 FERROXCUBE-E6-3C90-A63 Datasheet
59Kb / 6P
   E cores and accessories
E13-3C90-A63 FERROXCUBE-E13-3C90-A63 Datasheet
44Kb / 4P
   E cores and accessories
E20-3C90 FERROXCUBE-E20-3C90 Datasheet
61Kb / 3P
   E cores and accessories
E20-3C90-A63 FERROXCUBE-E20-3C90-A63 Datasheet
77Kb / 7P
   E cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com