Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFD25-3C94 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # EFD25-3C94
Description  EFD cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EFD25-3C94 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  EFD25-3C94 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EFD25-3C94 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EFD25-3C94 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EFD25-3C94 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EFD25-3C94 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EFD25-3C94 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EFD25-3C94 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2008 Sep 01
5
Ferroxcube
EFD cores and accessories
EFD25/13/9
COIL FORMERS
General data
Winding data and area product for EFD25/13/9 coil former with 12-pins
PARAMETER
SPECIFICATION
Coil former material
Sumikon PM-9630 (PF), glass-reinforced, flame retardant in accordance with “UL
94V-0” ; UL file number E41429
Pin material
copper-tin alloy (CuSn), Gold (Au) plated
Maximum operating temperature
180
°C, “IEC 60085”, class H
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20” , Part 2, Test Ta, method 1: 235
°C, 2 s
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
39.0
16.45
46.4
2260
CSHS-EFD25-1S-12P
12.5
± 0.2
18
0
− 0.15
11.7 +
0.1
0
5.5 +
0.1
0
0.9 (4x)
1.5 (10x)
18
0
− 0.15
16.45 min
6.8 +
0.1
0
28
± 0.2
30.1
± 0.2
31.5
± 0.2
0.4
± 0.05
28
2.75
2
3.75
MFP032
3.75
± 0.1
11.25
± 0.1
18.75
± 0.1
26
13 +
0.1
0
1.2
(10x)
25
± 0.2
Fig.3 EFD25/13/9 coil former (SMD) ; 12-pins.
Dimensions in mm.


Similar Part No. - EFD25-3C94

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EFD25-3C90 PHILIPS-EFD25-3C90 Datasheet
64Kb / 6P
   EFD cores and accessories
1997 Nov 21
More results

Similar Description - EFD25-3C94

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-EFD12-1S-8P-Z FERROXCUBE-CPH-EFD12-1S-8P-Z Datasheet
9Kb / 1P
   EFD cores and accessories
EFD10 FERROXCUBE-EFD10 Datasheet
62Kb / 6P
   EFD cores and accessories
EFD15 FERROXCUBE-EFD15 Datasheet
101Kb / 9P
   EFD cores and accessories
EFD15 FERROXCUBE-EFD15_1 Datasheet
32Kb / 1P
   EFD cores and accessories
CPHS-EFD15-1S-10P FERROXCUBE-CPHS-EFD15-1S-10P Datasheet
9Kb / 1P
   EFD cores and accessories
CSH-EFD25-1S-10P-IZ FERROXCUBE-CSH-EFD25-1S-10P-IZ Datasheet
9Kb / 1P
   EFD cores and accessories
EFD12 FERROXCUBE-EFD12_1 Datasheet
25Kb / 1P
   EFD cores and accessories
CSHS-EFD20-1S-10PL FERROXCUBE-CSHS-EFD20-1S-10PL Datasheet
81Kb / 1P
   EFD cores and accessories
CSH-EFD20-1S-8P-IZ FERROXCUBE-CSH-EFD20-1S-8P-IZ Datasheet
9Kb / 1P
   EFD cores and accessories
EFD20 FERROXCUBE-EFD20_1 Datasheet
33Kb / 1P
   EFD cores and accessories
logo
NXP Semiconductors
EFD25 PHILIPS-EFD25 Datasheet
64Kb / 6P
   EFD cores and accessories
1997 Nov 21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com