Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG03-C30 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BZG03-C30
Description  VOLTAGE REGULATOR DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZG03-C30 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BZG03-C30 Datasheet HTML 1Page - EIC discrete Semiconductors BZG03-C30 Datasheet HTML 2Page - EIC discrete Semiconductors BZG03-C30 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZG03-C10 ~ BZG03-C200
VOLTAGE REGULATOR DIODES
FEATURES :
* Complete Voltage Range 10 to 200 Volts
* High maximum operating temperature
* Excellent stability
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.060 gram (Approximately)
MAXIMUM RATINGS
Rating at 25 °C ambient temperature unless otherwise specified
Parameter
Symbol
Condition
Min.
Max.
Unit
Power dissipation
Ptot
Ttp = 100 °C, see Fig. 1
-
3
W
Ta = 50 °C, see Fig. 1; device
mounted on an Al2O3 PCB (Fig. 4)
tp = 100 µs; square pulse;
Tj = 25°C prior to surge; see Fig. 2
Forward voltage
IF = 0.5 A; Tj = 25 °C; see Fig. 3
Junction Temperature Range
Tj
-65
+175
°C
Storage Temperature Range
Tstg
-65
+175
°C
THERMAL CHARACTERISTICS
Parameter
Symbol
Condition
Value
Unit
Thermal resistance from junction to tie-point
Rth j-tp
25
K/W
Thermal resistance from junction to ambient
Rth j-a
(Note 1)
100
K/W
Note
1. Device mounted on an Al2O3 printed-circuit board, 0.7 mm thick; thickness of Cu-layer ≥35 µm, see Fig.4.
Page 1 of 3
Rev. 08 : September 18, 2008
Power dissipation
Non-repetitive peak reverse
1.2
V
1.25
-W
-
600
W
Ptot
PZSM
VF
-
2.3
± 0.2
SMA
1.6
± 0.25
2.6
± 0.15
Dimensions in millimeters
1.3
± 0.2
1.6
± 0.25
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - BZG03-C30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG03-C30 PHILIPS-BZG03-C30 Datasheet
31Kb / 7P
   Voltage regulator diodes
1996 Jun 07
logo
Shanghai Leiditech Elec...
BZG03-C30 LEIDITECH-BZG03-C30 Datasheet
418Kb / 3P
   Low Zener impedance at low current
More results

Similar Description - BZG03-C30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com