Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFD30-3C94-A160 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # EFD30-3C94-A160
Description  EFD cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EFD30-3C94-A160 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  EFD30-3C94-A160 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EFD30-3C94-A160 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EFD30-3C94-A160 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EFD30-3C94-A160 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EFD30-3C94-A160 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EFD30-3C94-A160 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008 Sep 01
3
Ferroxcube
EFD cores and accessories
EFD30/15/9
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
3F3
160
±3%
≈ 125
≈ 690
EFD30/15/9-3F3-A160
250
±3%
≈ 196
≈ 390
EFD30/15/9-3F3-A250
315
±5%
≈ 247
≈ 290
EFD30/15/9-3F3-A315
400
±8%
≈ 314
≈ 210
EFD30/15/9-3F3-A400
630
±10%
≈ 494
≈ 120
EFD30/15/9-3F3-A630
1900
±25%
≈ 1560
≈ 0
EFD30/15/9-3F3
3F35
1450
±25%
≈ 1170
≈ 0
EFD30/15/9-3F35
3F4
160
±3%
≈ 125
≈ 620
EFD30/15/9-3F4-A160
250
±3%
≈ 196
≈ 320
EFD30/15/9-3F4-A250
315
±5%
≈ 247
≈ 230
EFD30/15/9-3F4-A315
400
±8%
≈ 314
≈ 160
EFD30/15/9-3F4-A400
630
±10%
≈ 494
≈ 65
EFD30/15/9-3F4-A630
1000
±25%
≈ 780
≈ 0
EFD30/15/9-3F4
3F45
1000
±25%
≈ 780
≈ 0
EFD30/15/9-3F45
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f= 25 kHz;
= 200 mT;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f= 100 kHz;
= 200 mT;
T= 25
°C
f = 100 kHz;
=200 mT;
T = 100
°C
f = 400 kHz;
=50 mT;
T=100
°C
3C90
≥330
≤ 0.50
≤ 0.54
−−
3C94
≥330
−≤ 0.43
−≤ 2.6
3C95
≥330
−−
≤ 2.77
≤ 2.63
3C96
≥340
−≤ 0.32
−≤ 2.0
≤ 0.82
3F35
≥300
−−
−−
≤ 0.4
3F3
≥315
−≤ 0.54
−−
≤ 0.91
3F4
≥300
−−
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f= 500 kHz;
=50 mT;
T=100
°C
f = 500 kHz;
= 100 mT;
T=100
°C
f= 1 MHz;
=30mT;
T = 100
°C
f= 1 MHz;
=50 mT;
T = 100
°C
f= 3 MHz;
=10mT;
T = 100
°C
3C90
≥330
−−
−−−
3C94
≥330
−−
−−−
3C95
≥330
−−
−−−
3C96
≥340
≤ 1.7
−−−
3F35
≥300
≤ 0.6
≤ 4.5
−−−
3F3
≥315
−−
−−−
3F4
≥300
−−
≤ 1.4
−≤ 2.2
3F45
≥300
−−
≤ 1.1
≤ 4.0
≤ 1.8
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - EFD30-3C94-A160

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EFD30-3C90 PHILIPS-EFD30-3C90 Datasheet
69Kb / 6P
   EFD cores and accessories
1997 Nov 21
More results

Similar Description - EFD30-3C94-A160

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-EFD12-1S-8P-Z FERROXCUBE-CPH-EFD12-1S-8P-Z Datasheet
9Kb / 1P
   EFD cores and accessories
EFD10 FERROXCUBE-EFD10 Datasheet
62Kb / 6P
   EFD cores and accessories
EFD15 FERROXCUBE-EFD15 Datasheet
101Kb / 9P
   EFD cores and accessories
EFD15 FERROXCUBE-EFD15_1 Datasheet
32Kb / 1P
   EFD cores and accessories
CPHS-EFD15-1S-10P FERROXCUBE-CPHS-EFD15-1S-10P Datasheet
9Kb / 1P
   EFD cores and accessories
CSH-EFD25-1S-10P-IZ FERROXCUBE-CSH-EFD25-1S-10P-IZ Datasheet
9Kb / 1P
   EFD cores and accessories
EFD12 FERROXCUBE-EFD12_1 Datasheet
25Kb / 1P
   EFD cores and accessories
CSHS-EFD20-1S-10PL FERROXCUBE-CSHS-EFD20-1S-10PL Datasheet
81Kb / 1P
   EFD cores and accessories
CSH-EFD20-1S-8P-IZ FERROXCUBE-CSH-EFD20-1S-8P-IZ Datasheet
9Kb / 1P
   EFD cores and accessories
EFD20 FERROXCUBE-EFD20_1 Datasheet
33Kb / 1P
   EFD cores and accessories
logo
NXP Semiconductors
EFD25 PHILIPS-EFD25 Datasheet
64Kb / 6P
   EFD cores and accessories
1997 Nov 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com