Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EI30 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # EI30
Description  EI cores
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EI30 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  EI30 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EI30 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EI30 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
502
Ferroxcube
EI cores
E30/21/11
CORES
Effective core parameters of an E / I combination
Ordering information for I cores
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.524
mm−1
Ve
effective volume
6720
mm3
Ie
effective length
59.2
mm
Ae
effective area
113
mm2
Amin
minimum area
104
mm2
m
mass of E core
≈ 25
g
m
mass of I core
≈ 8.6
g
GRADE
TYPE NUMBER
3C90
I30/5.5/11-3C90
handbook, halfpage
handbook, halfpage
30.25
± 0.6
19.85 min.
10.65
± 0.25
16.3
± 0.3 21.3
± 0.25
10.65
± 0.35
MFP092
Fig.1 E30/21/11 core.
Dimensions in mm.
handbook, halfpage
MFP093
30.25
± 0.6
5.5
± 0.2
10.65
± 0.35
Fig.2 I30/5.5/11.
Dimensions in mm.
Core halves for use in combination with an I core
AL measured in combination with an I core, clamping force for AL measurements 40
± 20 N;
Properties of core sets under power conditions
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
4300
± 25 %
≈ 1790
≈ 0
E30/21/11-3C90
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f= 100 kHz;
=100 mT;
T = 100
°C
E30/21/11+I30/5.5/11-3C90
≥ 330
≤ 0.8
≤ 0.8
B
ˆ
B
ˆ


Similar Part No. - EI30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EI3008I020 ETC2-EI3008I020 Datasheet
76Kb / 2P
   Proximity Sensors Inductive Analogue Position Sensor
EI3010NPCSL ETC2-EI3010NPCSL Datasheet
145Kb / 3P
   Proximity Sensors Inductive Stainless Steel Housing
EI3010NPCSL-1 ETC2-EI3010NPCSL-1 Datasheet
145Kb / 3P
   Proximity Sensors Inductive Stainless Steel Housing
EI3010NPCSS ETC2-EI3010NPCSS Datasheet
145Kb / 3P
   Proximity Sensors Inductive Stainless Steel Housing
EI3010NPCSS-1 ETC2-EI3010NPCSS-1 Datasheet
145Kb / 3P
   Proximity Sensors Inductive Stainless Steel Housing
More results

Similar Description - EI30

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
EI22 FERROXCUBE-EI22 Datasheet
46Kb / 3P
   EI cores
EI25 FERROXCUBE-EI25 Datasheet
45Kb / 3P
   EI cores
EI40 FERROXCUBE-EI40 Datasheet
45Kb / 3P
   EI cores
EI35 FERROXCUBE-EI35 Datasheet
45Kb / 3P
   EI cores
EI20 FERROXCUBE-EI20 Datasheet
45Kb / 3P
   EI cores
EI33 FERROXCUBE-EI33 Datasheet
45Kb / 3P
   EI cores
EI16 FERROXCUBE-EI16 Datasheet
46Kb / 3P
   EI cores
EI28 FERROXCUBE-EI28 Datasheet
46Kb / 3P
   EI cores
logo
YUXIANG Magnetc materia...
E116 YUXIANG-E116 Datasheet
51Kb / 1P
   EI Core
logo
List of Unclassifed Man...
44235 ETC1-44235 Datasheet
128Kb / 1P
   TRANSFORMATEURS EI 42
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com