Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG03-C39 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BZG03-C39
Description  VOLTAGE REGULATOR DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZG03-C39 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BZG03-C39 Datasheet HTML 1Page - EIC discrete Semiconductors BZG03-C39 Datasheet HTML 2Page - EIC discrete Semiconductors BZG03-C39 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at Tj = 25 °C unless otherwise specified
Working Voltage
Differental
Temperature
Test
Maximum Reverse
Marking
Resistance
Coefficient
Current
Leakage Current
Code
IZ
IR @ VR
Min.
Nom.
Max.
Typ.
Max.
Min.
Max.
(mA)
(
μA)
(V)
BZG03-C10
C10
9.4
10
10.6
2
4
0.05
0.09
50
7.0
7.5
BZG03-C11
C11
10.4
11
11.6
4
7
0.05
0.10
50
4.0
8.2
BZG03-C12
C12
11.4
12
12.7
4
7
0.05
0.10
50
3.0
9.1
BZG03-C13
C13
12.4
13
14.1
5
10
0.05
0.10
50
2.0
10
BZG03-C15
C15
13.8
15
15.6
5
10
0.05
0.10
50
1.0
11
BZG03-C16
C16
15.3
16
17.1
6
15
0.05
0.11
25
1.0
12
BZG03-C18
C18
16.8
18
19.1
6
15
0.06
0.11
25
1.0
13
BZG03-C20
C20
18.8
20
21.2
6
15
0.06
0.11
25
1.0
15
BZG03-C22
C22
20.8
22
23.3
6
15
0.06
0.11
25
1.0
16
BZG03-C24
C24
22.8
24
25.6
7
15
0.06
0.11
25
1.0
18
BZG03-C27
C27
25.1
27
28.9
7
15
0.06
0.11
25
1.0
20
BZG03-C30
C30
28
30
32
8
15
0.06
0.11
25
1.0
22
BZG03-C33
C33
31
33
35
8
15
0.06
0.11
25
1.0
24
BZG03-C36
C36
34
36
38
21
40
0.06
0.11
10
1.0
27
BZG03-C39
C39
37
39
41
21
40
0.06
0.11
10
1.0
30
BZG03-C43
C43
40
43
46
24
45
0.07
0.12
10
1.0
33
BZG03-C47
C47
44
47
50
24
45
0.07
0.12
10
1.0
36
BZG03-C51
C51
48
51
54
25
60
0.07
0.12
10
1.0
39
BZG03-C56
C56
52
56
60
25
60
0.07
0.12
10
1.0
43
BZG03-C62
C62
58
62
66
25
80
0.08
0.13
10
1.0
47
BZG03-C68
C68
64
68
72
25
80
0.08
0.13
10
1.0
51
BZG03-C75
C75
70
75
79
30
100
0.08
0.13
10
1.0
56
BZG03-C82
C82
77
82
87
30
100
0.08
0.13
10
1.0
62
BZG03-C91
C91
85
91
96
60
200
0.09
0.13
5
1.0
68
BZG03-C100
C100
94
100
106
60
200
0.09
0.13
5
1.0
75
BZG03-C110
C110
104
110
116
80
250
0.09
0.13
5
1.0
82
BZG03-C120
C120
114
120
127
80
250
0.09
0.13
5
1.0
91
BZG03-C130
C130
124
130
141
110
300
0.09
0.13
5
1.0
100
BZG03-C150
C150
138
150
156
130
300
0.09
0.13
5
1.0
110
BZG03-C160
C160
153
160
171
150
350
0.09
0.13
5
1.0
120
BZG03-C180
C180
168
180
191
180
400
0.09
0.13
5
1.0
130
BZG03-C200
C200
188
200
212
200
500
0.09
0.13
5
1.0
150
Page 2 of 3
Rev. 08 : September 18, 2008
Type No.
VZ @ IZ
rdiff(Ω) at IZ
SZ (%/K) at IZ
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - BZG03-C39

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG03-C39 PHILIPS-BZG03-C39 Datasheet
31Kb / 7P
   Voltage regulator diodes
1996 Jun 07
logo
Shanghai Leiditech Elec...
BZG03-C39 LEIDITECH-BZG03-C39 Datasheet
418Kb / 3P
   Low Zener impedance at low current
More results

Similar Description - BZG03-C39

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com