Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB5929B Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1SMB5929B
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1SMB5929B Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1SMB5929B Datasheet HTML 1Page - EIC discrete Semiconductors 1SMB5929B Datasheet HTML 2Page - EIC discrete Semiconductors 1SMB5929B Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SMB5913B - 1SMB5956B
SILICON ZENER DIODES
VZ : 3.3 - 200 Volts
PD : 3.0 Watts
FEATURES :
* Complete Voltage Range 3.3 to 200 Volts
* High peak reverse power dissipation
* Flat handling surface for accurate placement
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA
* Case : SMB (DO-214AA) Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Maximum Lead Temperature for Soldering Purposes :
260 °C for 10 Seconds
* Leads : Modified L-Bend providing more contact area to bond pads.
* Polarity : Cathode indicated by polarity band.
* Mounting position : Any
* Weight : 0.093 gram
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Maximum Steady State Power Dissipation at TL = 75°C,
PD
3.0
W
Measured at Zero Lead Length
Derate Above 75
°C
40
mW/
°C
Thermal Resistance From Junction to Lead
RθJL
25
°C/W
Maximum Steady State Power Dissipation at Ta = 25
°C
PD
550
mW
Measured at Zero Lead Length
Derate Above 25
°C
4.4
mW/
°C
Thermal Resistance From Junction to Ambient
RθJA
226
°C/W
Maximum Forward Voltage at IF = 200 mA
VF
1.5
Volts
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
Tstg
- 65 to + 150
°C
Page 1 of 3
Rev. 06 : December 23, 2009
0.22
± 0.07
2.0
± 0.1
2.3
± 0.2
3.6
± 0.15
SMB (DO-214AA)
1.1
± 0.3
Dimensions in millimeter
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478


Similar Part No. - 1SMB5929B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5929B MOTOROLA-1SMB5929B Datasheet
189Kb / 4P
   1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
First Silicon Co., Ltd
1SMB5929B FS-1SMB5929B Datasheet
661Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Guangdong Kexin Industr...
1SMB5929B KEXIN-1SMB5929B Datasheet
69Kb / 2P
   Surface Mount Zener Diodes
logo
SynSemi, Inc.
1SMB5929B SYNSEMI-1SMB5929B Datasheet
30Kb / 2P
   SILICON ZENER DIODES
logo
Diotech Company.
1SMB5929B DIOTECH-1SMB5929B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMB5929B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com