Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP20-3C81-A250 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # EP20-3C81-A250
Description  EP cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP20-3C81-A250 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  EP20-3C81-A250 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP20-3C81-A250 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP20-3C81-A250 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP20-3C81-A250 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP20-3C81-A250 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP20-3C81-A250 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
714
Ferroxcube
EP cores and accessories
EP20
COIL FORMER
General data
Winding data and area product for 10-pins EP20 coil former
PARAMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass-reinforced, flame retardant in accordance with
“UL 94V-0” ; UL file number E41429(M)
Pin material
copper-clad steel, tin (Sn) plated
Maximum operating temperature
180
°C, “IEC 60085”, class H
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B: 350
°C, 3.5 s
Solderability
“IEC 60068-2-20” , Part 2, Test Ta, method 1: 235
°C, 2 s
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
40.3
12.4
39.4
3170
CSH-EP20-1S-10P-T
2
2 x 19.0
2 x 5.95
39.4
2 x 1500
CSH-EP20-2S-10P-T
2.65
0
−0.1
∅10.25 +0.05
−0.15
9.2
±0.1
15.9
±0.1
25.1
±0.2
20.32
±0.05
13.9
±0.1
12.5
±0.1
17.78
±0.05
5
±0.5
1.5
±0.1
17.78
5.08
1
+0.15
0
21.9
±0.2
CBW623
0.5
±0.02
0.6
± 0.1
Fig.2 EP20 coil former: 10-pins.
Dimensions in mm.


Similar Part No. - EP20-3C81-A250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP20-0171 ETC2-EP20-0171 Datasheet
24Kb / 1P
   COUPLING TRANSFORMER SERIES EP
EP20-0172 ETC2-EP20-0172 Datasheet
24Kb / 1P
   COUPLING TRANSFORMER SERIES EP
EP20-0173 ETC2-EP20-0173 Datasheet
24Kb / 1P
   COUPLING TRANSFORMER SERIES EP
EP20-0174 ETC2-EP20-0174 Datasheet
24Kb / 1P
   COUPLING TRANSFORMER SERIES EP
More results

Similar Description - EP20-3C81-A250

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com