Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7-3C94-A160 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # EP7-3C94-A160
Description  EP cores and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP7-3C94-A160 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  EP7-3C94-A160 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP7-3C94-A160 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP7-3C94-A160 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP7-3C94-A160 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP7-3C94-A160 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP7-3C94-A160 Datasheet HTML 6Page - Ferroxcube International Holding B.V. EP7-3C94-A160 Datasheet HTML 7Page - Ferroxcube International Holding B.V. EP7-3C94-A160 Datasheet HTML 8Page - Ferroxcube International Holding B.V. EP7-3C94-A160 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2008 Sep 01
677
Ferroxcube
EP cores and accessories
EP7
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
Note
1.
Measured at 60
°C.
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T = 100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
f= 100 kHz;
= 200 mT;
T = 100
°C
f= 400 kHz;
=50 mT;
T=100
°C
3C81
≥320
≤ 0.04
−−
3C91
≥320
−≤ 0.11(1)
≤ 0.06(1)
3C94
≥320
−≤ 0.014
≤ 0.08
3C96
≥340
−≤ 0.011
≤ 0.06
≤ 0.025
3F35
≥320
−−
≤ 0.015
3F3
≥315
−≤ 0.02
−≤ 0.035
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T = 100
°C
f = 500 kHz;
=50mT;
T = 100
°C
f= 500 kHz;
= 100 mT;
T = 100
°C
f= 1 MHz;
=30mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T=100
°C
3C81
≥320
−−
3C91
≥320
−−
3C94
≥320
−−
3C96
≥340
≤ 0.055
−−
3F35
≥320
≤ 0.02
≤ 0.15
−−
3F3
≥315
−−
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - EP7-3C94-A160

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
EP7-12 BB-BATTERY-EP7-12 Datasheet
197Kb / 1P
   VRLA Rechargeable Battery
EP7-12FR BB-BATTERY-EP7-12FR Datasheet
197Kb / 1P
   VRLA Rechargeable Battery
EP7-12 BB-BATTERY-EP7-12_15 Datasheet
173Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - EP7-3C94-A160

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20 Datasheet
64Kb / 6P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com