Selected language     English  ▼


A-1.5W-K Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part No. A-1.5W-K
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 2 page
background image
2
A SERIES
Nominal
Coil resistance
Set
Reset
Nominal
MODEL
voltage
(±10%)
voltage*1
voltage*1
power
AL-1.5W-K
1.5 VDC
22.5Ω
+1.13 VDC
-1.05 VDC
100 mW
AL- 3 W-K
3 VDC
90Ω
+2.25 VDC
-2.1 VDC
100 mW
AL-4.5W-K
4.5 VDC
203Ω
+3.38 VDC
-3.15 VDC
100 mW
AL- 5 W-K
5 VDC
250Ω
+3.75 VDC
-3.5 VDC
100 mW
AL- 6 W-K
6 VDC
360Ω
+4.5 VDC
-4.2 VDC
100 mW
AL- 9 W-K
9 VDC
810Ω
+6.75 VDC
-6.3 VDC
100 mW
AL-12 W-K
12 VDC
1,440Ω
+9.0 VDC
-8.4 VDC
100 mW
AL-18 W-K
18 VDC
2,160Ω
+13.5 VDC
-12.6 VDC
150 mW
AL-24 W-K
24 VDC
3,840Ω
+18.0 VDC
-16.8 VDC
150 mW
AL-D1.5W-K
1.5 VDC
P 11.25Ω
+1.13 VDC
200 mW
S 11.25Ω
+1.05 VDC
AL-D 3 W-K
3 VDC
P
45Ω
+2.25 VDC
200 mW
S
45Ω
+2.1 VDC
AL-D4.5W-K
4.5 VDC
P 101Ω
+3.38 VDC
200 mW
S 101Ω
+3.15 VDC
AL-D 5 W-K
5 VDC
P 125Ω
+3.75 VDC
200 mW
S 125Ω
+3.5 VDC
AL-D 6 W-K
6 VDC
P 180Ω
+4.50 VDC
200 mW
S 180Ω
+4.2 VDC
AL-D 9 W-K
9 VDC
P 405Ω
+6.75 VDC
200 mW
S 405Ω
+6.3 VDC
AL-D12 W-K
12 VDC
P 720Ω
+9.0 VDC
200 mW
S 720Ω
+8.4 VDC
AL-D18 W-K
18 VDC
P 1,080Ω
+13.5 VDC
300 mW
S 1,080Ω
+12.6 VDC
AL-D24 W-K
24 VDC
P 1,920Ω
+18.0 VDC
300 mW
S 1,920Ω
+16.8 VDC
Nominal
Coil resistance
Must operate
Must release
Nominal
MODEL
voltage
(±10%)
voltage*1
voltage*1
power
A-1.5W-K
1.5 VDC
16.1Ω
+1.13 VDC
+0.15 VDC
140 mW
A- 3 W-K
3 VDC
64.3Ω
+2.25 VDC
+0.3 VDC
140 mW
A-4.5W-K
4.5 VDC
145Ω
+3.38 VDC
+0.45 VDC
140 mW
A- 5 W-K
5 VDC
178Ω
+3.75 VDC
+0.5 VDC
140 mW
A- 6 W-K
6 VDC
257Ω
+4.5 VDC
+0.6 VDC
140 mW
A- 9 W-K
9 VDC
579Ω
+6.75 VDC
+0.9 VDC
140 mW
A-12 W-K
12 VDC
1,028Ω
+9.0 VDC
+1.2 VDC
140 mW
A-18 W-K
18 VDC
1,620Ω
+13.5 VDC
+1.8 VDC
200 mW
A-24 W-K
24 VDC
2,880Ω
+18.0 VDC
+2.4 VDC
200 mW
A-48 W-K
48 VDC
7,680Ω
+36.0 VDC
+4.8 VDC
300 mW
n
COIL DATA CHART
P:PrimarycoilS:Secondarycoil
Note: *1 Specified values are subject to pulse wave voltage.
Allvaluesinthetablearemeasuredat20°C.
Note: *1 Specified values are subject to pulse wave voltage.
Allvaluesinthetablearemeasuredat20°C.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl