Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP17-3C94-A315 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # EP17-3C94-A315
Description  EP cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EP17-3C94-A315 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  EP17-3C94-A315 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EP17-3C94-A315 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EP17-3C94-A315 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EP17-3C94-A315 Datasheet HTML 4Page - Ferroxcube International Holding B.V. EP17-3C94-A315 Datasheet HTML 5Page - Ferroxcube International Holding B.V. EP17-3C94-A315 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
708
Ferroxcube
EP cores and accessories
EP17
COIL FORMER
General data
Winding data and area product for 8-pins EP17 coil former
PARAMETER
SPECIFICATION
Coil former material
phenolformaldehyde (PF), glass-reinforced, flame retardant in accordance with
“UL 94V-0” ; UL file number E41429 (M)
Pin material
copper clad steel, tin (Sn) plated
Maximum operating temperature
180
°C, “IEC 60085”, class H
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B: 350
°C, 3.5 s
Solderability
“IEC 60068-2-20” , Part 2, Test Ta, method 1: 235
°C, 2 s
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
18.0
9.45
28.9
607
CSH-EP17-1S-8P
22
× 8.3
2
× 4.6
28.9
2 x 280
CSH-EP17-2S-8P
handbook, full pagewidth
11.4 max.
6
+0.15
0
1
+0.15
0
CBW506
10.9
±0.1
9.4 min.
0.65
0.65
19.2 max.
19.2 max.
0.6
3.5
3
1.5
4.7
4.5
∅7.2 0
−0.2
15
0.5
5
Fig.2 EP17 coil former: 8-pins.
Dimensions in mm.


Similar Part No. - EP17-3C94-A315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP17-0181 ETC2-EP17-0181 Datasheet
24Kb / 1P
   COUPLING TRANSFORMER SERIES EP
EP17-0182 ETC2-EP17-0182 Datasheet
24Kb / 1P
   COUPLING TRANSFORMER SERIES EP
logo
B. B. Battery Co., Ltd.
EP17-12 BB-BATTERY-EP17-12 Datasheet
210Kb / 1P
   VRLA Rechargeable Battery
EP17-12FR BB-BATTERY-EP17-12FR Datasheet
210Kb / 1P
   VRLA Rechargeable Battery
EP17-12 BB-BATTERY-EP17-12_15 Datasheet
188Kb / 1P
   VRLA Rechargeable Battery
More results

Similar Description - EP17-3C94-A315

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSH-EP20-1S-10P-T FERROXCUBE-CSH-EP20-1S-10P-T Datasheet
45Kb / 1P
   EP cores and accessories
EP7 FERROXCUBE-EP7_1 Datasheet
25Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20_1 Datasheet
8Kb / 1P
   EP cores and accessories
CPHS-EP7-1S-6P-T FERROXCUBE-CPHS-EP7-1S-6P-T Datasheet
9Kb / 1P
   EP cores and accessories
CSH-EP7-1S-8P-LZ FERROXCUBE-CSH-EP7-1S-8P-LZ Datasheet
9Kb / 1P
   EP cores and accessories
CPHS-EP5-1S-6P FERROXCUBE-CPHS-EP5-1S-6P Datasheet
81Kb / 1P
   EP cores and accessories
EP17 FERROXCUBE-EP17_1 Datasheet
20Kb / 1P
   EP cores and accessories
EP20 FERROXCUBE-EP20 Datasheet
64Kb / 6P
   EP cores and accessories
CSH-EP17-1S-8P FERROXCUBE-CSH-EP17-1S-8P Datasheet
44Kb / 1P
   EP cores and accessories
CSHS-EP7-1S-6P FERROXCUBE-CSHS-EP7-1S-6P Datasheet
50Kb / 1P
   EP cores and accessories
CSHS-EP13-1S-10P-T FERROXCUBE-CSHS-EP13-1S-10P-T Datasheet
43Kb / 1P
   EP cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com