Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR46 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FBR46
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR46 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FBR46_09 Datasheet HTML 1Page - Fujitsu Component Limited. FBR46_09 Datasheet HTML 2Page - Fujitsu Component Limited. FBR46_09 Datasheet HTML 3Page - Fujitsu Component Limited. FBR46_09 Datasheet HTML 4Page - Fujitsu Component Limited. FBR46_09 Datasheet HTML 5Page - Fujitsu Component Limited. FBR46_09 Datasheet HTML 6Page - Fujitsu Component Limited. FBR46_09 Datasheet HTML 7Page - Fujitsu Component Limited. FBR46_09 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FBR46 SERIES
To be
Discon
Tinue
D
n
COIL DATA CHART
1. STANDARD (D type)
Nominal
Nominal
Coil
current
Must
Must
Nominal
Operate
Coil
MODEL
resistance (at nominal
operate
release
temperature
voltage
(±10%)
voltage)
voltage*1
voltage*1
power
power
rise
approx.
FBR46ND003-P
3VDC
60Ω
50mA
FBR46ND005-P
5VDC
167Ω
30mA
FBR46ND006-P
6VDC
240Ω
25mA
FBR46ND009-P
9VDC
540Ω
17mA
FBR46ND012-P
12VDC
960Ω
13mA
FBR46ND024-P
24VDC
2,880Ω
8mA
200mW
112mW
30deg
*1:Specifiedvaluesaresubjecttopulsewavevoltage.
Note: All values in the table are measured at 20°C
75% max.
5% min.
Approx.
Approx.
Approx.
of nominal
of nominal
150 mW
85 mW
25 deg
voltage
voltage
(at nominal
max.
(at nominal
voltage
voltage)
2. 65% OPERATE TYPE (G type)
Nominal
Nominal
Coil
current
Must
Must
Nominal
Operate
Coil
MODEL
resistance (at nominal
operate
release
temperature
voltage
(±10%)
voltage)
voltage*1
voltage*1
power
power
rise
approx.
FBR46NG003-P
3VDC
36Ω
83mA
FBR46NG005-P 4.5VDC
81Ω
56mA
FBR46NG006-P
6VDC
144Ω
41mA
FBR46NG009-P
9VDC
324Ω
27mA
FBR46NG012-P
12VDC
576Ω
20mA
FBR46NG024-P
24VDC
2,304Ω
10mA
*1:Specifiedvaluesaresubjecttopulsewavevoltage.
Note: All values in the table are measured at 20°C
65% max.
10% min.
Approx.
Approx.
Approx.
of nominal
of nominal
250 mW
106 mW
35 deg
voltage
voltage
(at nominal
max.
(at nominal
voltage
voltage)
Nominal
MODEL
Nominal
Coil
current
Must
Must
Nominal
Operate
Coil
resistance (at nominal
operate
release
temperature
voltage
(±10%)
voltage)
voltage*1 voltage*1
power
power
rise
-15 type
-16 type
approx.
FBR46ND003-P-15 FBR46ND003-P-16 3VDC 45Ω
67mA
FBR46ND005-P-15 FBR46ND005-P-16 5VDC 125Ω
40mA
FBR46ND006-P-15 FBR46ND006-P-16 6VDC 180Ω
33mA
FBR46ND009-P-15 FBR46ND009-P-16 9VDC 405Ω
22mA
FBR46ND012-P-15 FBR46ND012-P-16 12VDC 720Ω
17mA
FBR46ND024-P-15 FBR46ND024-P-16 24VDC 2,304Ω
10mA
250mW 140mW
35deg
*1:Specifiedvaluesaresubjecttopulsewavevoltage.
Note: All values in the table are measured at 20°C.
3. HIGH DIELECTRIC STRENGTH TYPE (-15, -16 type)
75% max. 5% min.
Approx.
Approx.
Approx.
of
of
200 mW
112 mW
30 deg
nominal
nominal (at nominal
max.
(at nominal
voltage
voltage
voltage)
voltage)


Similar Part No. - FBR46_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46 Datasheet
59Kb / 7P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING) FBR46 SERIES
More results

Similar Description - FBR46_09

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com