Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR46ND003-P Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FBR46ND003-P
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR46ND003-P Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FBR46ND003-P Datasheet HTML 1Page - Fujitsu Component Limited. FBR46ND003-P Datasheet HTML 2Page - Fujitsu Component Limited. FBR46ND003-P Datasheet HTML 3Page - Fujitsu Component Limited. FBR46ND003-P Datasheet HTML 4Page - Fujitsu Component Limited. FBR46ND003-P Datasheet HTML 5Page - Fujitsu Component Limited. FBR46ND003-P Datasheet HTML 6Page - Fujitsu Component Limited. FBR46ND003-P Datasheet HTML 7Page - Fujitsu Component Limited. FBR46ND003-P Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FBR46 SERIES
To be
Discon
Tinue
D
n
CHARACTERISTIC DATA
Life curve
500
Contact load current (A)
50
5
10
1
100
(´104)
0.5
1.0
1.5
2.0
30 V DC resistive load
Range of operation temperature and voltage
[D type]
Operating temperature (°C)
–10 0 10 20 30 40 50 60 70 80
70
80
90
100
110
120
130
140
150
160
Range of operation temperature and voltage
[G type]
–10 0 10 20 30 40 50 60 70 80
70
80
90
100
110
120
130
140
150
160
Range of operation temperature and voltage
[–15,–16 type]
–10 0 10 20 30 40 50 60 70 80
70
80
90
100
110
120
130
140
150
160
Maximum switching capacity
Contact load voltage (V)
0.1
10
20
120 200
30
50
0.3
0.5
1.0
À
Á
ÀAC resistive load
( AC contact rating)
ÁDC resistive load
( DC contact rating)
Operating voltage range
Must operate
voltage
(Data) assumes that
the maximum
allowable tem-
perature of E
type insula-
tion coil is
115°C
Operating temperature (°C)
Operating temperature (°C)
Must
operate
voltage
Must operate
voltage
(Data) assumes that
the maximum
allowable tem-
perature of E
type insula-
tion coil is
115°C
(Data) assumes that
the maximum
allowable tem-
perature of E
type insula-
tion coil is
115°C
120 V AC
resistive load
Operating voltage range
Operating voltage range
n
REFERENCE DATA
Operate
Release
Distribution of operate and release voltage
Rated coil voltage multiplying factor (%)
80
60
40
20
0
0
10 20
30 40 50
60 70 80
Operate
Release
Distribution of operate and release time
Time (ms)
100
80
60
20
40
0
1
2
3
4
5
6
7
8
0
Contact resistance (m
)
Distribution of contact resistance
80
60
40
20
0
10 20
30 40 50
60 70 80
0


Similar Part No. - FBR46ND003-P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46 Datasheet
59Kb / 7P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING) FBR46 SERIES
More results

Similar Description - FBR46ND003-P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com