Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR51ND12-WF Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FBR51ND12-WF
Description  COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR51ND12-WF Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FBR51ND12-WF Datasheet HTML 1Page - Fujitsu Component Limited. FBR51ND12-WF Datasheet HTML 2Page - Fujitsu Component Limited. FBR51ND12-WF Datasheet HTML 3Page - Fujitsu Component Limited. FBR51ND12-WF Datasheet HTML 4Page - Fujitsu Component Limited. FBR51ND12-WF Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
FBR51 (–WF) SERIES
s CHARACTERISTIC DATA
1. LIFE TEST (EXAMPLES)
Circuit wave form
Test circuit
0 A
11 A
7 A
60
(initial)
14 V
N.O.
Test Item
DC 14V-11A (80W)
Flasher Hazard lamp load
2,500,000 operations minimum
(FBR-51
WF type)
0
20
40
60
80
100
100
10
25
1
0.1
Initial
0.1
Initial
100
10
1
100
10
1
No. of operations (x105)
No. of operations (x105)
measured at 6V, 1A wet
2. COIL TEMPERATURE RISE
3. OPERATING COIL VOLATGE RANGE (EXAMPLE)
(˚C)
Applied time (minutes)
0
0
10
20
30
20
40
60
80
100
120
0.8 W
0.6 W
(2) carrying current : 10 A
applied coil power
0.8 W
0.6 W
(1)carrying current : 0 A
applied coil power
0.8 W
0.6 W
(3) carrying current : 20 A
applied coil power
[FBR51ND09-WF]
[ FBR51ND12-WF ]
Operating temperature (˚C)
NOTE : Intermittent coil
operation is required in this
region at 20 A or more
carrying current.
–30
0
50
100
5
10
15
(V)
CONTINUOUSLY
APPLICABLE COIL
VOLTAGE RANGE
–30
0
50
100
5
10
15
Operating temperature (˚C)
NOTE : Intermittent coil
operation is required in this
region at 20 A or more
carrying current.
(V)
CONTINUOUSLY
APPLICABLE COIL
VOLTAGE RANGE
Ambient Temperature 20˚C


Similar Part No. - FBR51ND12-WF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR51ND12-WF FUJITSU-FBR51ND12-WF Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FBR51ND12-WF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P1 FUJITSU-FTR-P1 Datasheet
67Kb / 7P
   QUIET POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com