Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5200 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5200
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5200 Datasheet(HTML) 1 Page - Schurter Inc.

  5200 Datasheet HTML 1Page - Schurter Inc. 5200 Datasheet HTML 2Page - Schurter Inc. 5200 Datasheet HTML 3Page - Schurter Inc. 5200 Datasheet HTML 4Page - Schurter Inc. 5200 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Power Entry Modules with Line Filter
5200
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
Type 5200, Fuseholder 1-pole with spare com-
partment
Snap-In Version or Screw-On Version
Type 5200, Fuseholder 1-pole with spare com-
partment
Snap-In Version or Screw-On Version
Plug removal necessary for fuse
replacement
C14
70° C
Description
-PanelMount:
Snap-inorscrew-onmountingfromfrontside
-3Functions:
ApplianceInletProtectionclassI,Fuseholderforfuse-links5x20mm
1-pole,Linefilterinstandardandmedicalversion
-Quickconnectterminals6.3x0.8mm
-Alternative:versionwithoutlinefilter6200
Approvals
-VDELicenseNumber:101307
-ULLicenseNumber:E72928
-CSALicenseNumber:97784
Characteristics
-Allsingleelementsarealreadywired
-Plugremovalnecessaryforfuse-linkreplacement
FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1
Thefuseholderisaccessiblefromtheequipmentfront
-QualifiedforuseinequipmentaccordingIEC/EN60950
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-10A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
PanelThicknesss
Screw:max8mm
Mountingscrewtorquemax0.5Nm
Snap-in:0.8mmto3mm
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Fuseholder
1-pole,ShocksafecategoryPC2acc.to
IEC60127-6,
forfuse-links5x20mm
RatedPowerAcceptance@
Ta23°C
5x20:2W(1pole)
PowerAcceptance@Ta>
23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>2'300'000hacc.toMIL-HB-217F


Similar Part No. - 5200

ManufacturerPart #DatasheetDescription
logo
Agere Systems
5200 AGERE-5200 Datasheet
55Kb / 4P
   5200-Series 64 x 64 MEMS Optical Switch Module
logo
Schurter Inc.
5200 SCHURTER-5200 Datasheet
637Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
logo
Moxa Inc.
5200 MOXA-5200 Datasheet
3Mb / 8P
   2-port RS-232/422/485 serial device servers
logo
3M Electronics
5200 3M-5200 Datasheet
49Kb / 5P
   Marine Adhesive/Sealant Fast Cure 5200
logo
Schurter Inc.
5200 SCHURTER-5200 Datasheet
668Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
More results

Similar Description - 5200

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5200 SCHURTER-5200_V01 Datasheet
668Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
5200 SCHURTER-5200_V02 Datasheet
668Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
04.01.2022
5200 SCHURTER-5200_17 Datasheet
637Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole
6200 SCHURTER-6200 Datasheet
488Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
6205 SCHURTER-6205 Datasheet
472Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
1060 SCHURTER-1060 Datasheet
426Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
1060 SCHURTER-1060_13 Datasheet
457Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1-pole
6205 SCHURTER-6205_V01 Datasheet
388Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1-pole, unwired
6200 SCHURTER-6200_17 Datasheet
370Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1-pole, wired
6200 SCHURTER-6200_V01 Datasheet
400Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1-pole, wired
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com