Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR21ND09-P Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FBR21ND09-P
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR21ND09-P Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FBR21ND09-P Datasheet HTML 1Page - Fujitsu Component Limited. FBR21ND09-P Datasheet HTML 2Page - Fujitsu Component Limited. FBR21ND09-P Datasheet HTML 3Page - Fujitsu Component Limited. FBR21ND09-P Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FBR20 SERIES
NOT
FOR
NEW
DESIGNS
-
TO
BE
DISCONTINUED
s COIL DATA CHART
MODEL
Nominal
Nominal
Coil
current
Must
Must
Maximum
Nominal
Coil
Single contact type
Bifurcated contact type
resistance (at nominal operate
release
allowable
temperature
voltage
±10%
voltage)
voltage
voltage
voltage
power
rise
Flux free
Plastic sealed
Flux free
Plastic sealed
approx.
FBR21D01-P FBR21ND01-P FBR22D01-P FBR22ND01-P
1.5 VDC
7.5 W
200 mA
FBR21D03-P FBR21ND03-P FBR22D03-P FBR22ND03-P
3 VDC
30 W
100 mA
FBR21D05-P FBR21ND05-P FBR22D05-P FBR22ND05-P
5 VDC
83 W
60 mA
80% max.
5% min.
160% of
Approx.
Approx.
FBR21D06-P FBR21ND06-P FBR22D06-P FBR22ND06-P
6 VDC
120 W
50 mA
of nominal of nominal
nominal
300 mW
45 deg
voltage
voltage
voltage
(at nominal (at nominal
FBR21D09-P FBR21ND09-P FBR22D09-P FBR22ND09-P
9 VDC
270 W
33 mA
voltage)
voltage)
FBR21D12-P FBR21ND12-P FBR22D12-P FBR22ND12-P
12 VDC
480 W
25 mA
FBR21D18-P FBR21ND18-P FBR22D18-P FBR22ND18-P
18 VDC
1,080 W
17 mA
FBR21D24-P FBR21ND24-P FBR22D24-P FBR22ND24-P
24 VDC
1,920 W
12.5 mA
Note: All values in the table are measured at 20
°C.
s CHARACTERISTIC DATA
70
80
90
100
110
120
130
140
150
160
170
0
10203040506070
–10
Operating voltage range
Must
operate
voltage
(Data) assumes that the
maximum allowable
temperature of E type
insulation coil is
115˚C
Range of operation temperature and voltage
Operating temperature (˚C)
0.1
10
20 30
50
120
200
0.2
0.3
0.5
1.0
2.0
Œ


Œ
ŒAC resistive load
(
AC contact rating)
DC resistive load
(
DC contact rating)
Maximum switching capacity
Contact load voltage (V)
24 V DC
resistive load
120 V AC
resistive load
Life curve
1
0.5
0
1
1.5
2
2.5
5
10
50
30
100
200
(x10 )
4
Contact load current (A)
s REFERENCE DATA
Operate
Release
Distribution of operate and release voltage
Rated coil voltage multiplying factor (%)
60
50
30
40
10
20
0
10
20
30
4050
6070
80
0
Operate
Release
Distribution of operate and release time
Time (ms)
100
80
60
20
40
0
1
2
3
45
67
0
8
Contact resistance (m
Ω)
Distribution of contact resistance
80
60
40
20
0
10
20
30
4050
6070
80
0


Similar Part No. - FBR21ND09-P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR21NH01-P FUJITSU-FBR21NH01-P Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR21NH03-P FUJITSU-FBR21NH03-P Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR21NH05-P FUJITSU-FBR21NH05-P Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR21NH06-P FUJITSU-FBR21NH06-P Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR21NH09-P FUJITSU-FBR21NH09-P Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR21ND09-P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com